Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBM2016T6R8J Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T6R8J
Description  WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T6R8J Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBM2016T6R8J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBM2016T6R8J Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
8.Temperature Characteristic
Specified Value
LBM2016
Inductance change : Within±5%
LB1608
LB2012
LBR2012
CB2012
Inductance change : Within±20%
CBL2012
LB2016
CB2016
LB2518
LBR2518
CB2518
LBC3225
CBC3225
LBMF1608
CBMF1608
LBC2016
CBC2016
Inductance change : Within±25%
LBC2518
CBC2518
LB3218
LBC2012
CBC2012
Inductance change : Within±35%
Test Methods and
Remarks
Change of maximum inductance deviation in step 1-5
Step
Temperature(℃)
LB, CB Series
1
20
2
-40
3
20(Reference temperature)
4
+85(Maximum operating temperature)
5
20
9.Rasistance to Flexure of Substrate
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Warp
: 2mm(LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF Series)
Test substrate : Board according to JIS C0051
Thickness
: 0.8mm(LB・LBMF・CBMF1608)
: 1.0mm(Others)
10.Body Strength
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM
Applied force
: 10N
Duration
: 10sec.
LB1608・LBMF1608・CBMF1608
Applied force
: 5N
Duration
: 10sec.
11.Adhesion of terminal electrode
Specified Value
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF
Applied force
: 10N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board
LB1608・CBMF1608・LBMF1608
Applied force
: 5N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board


Similar Part No. - LBM2016T6R8J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T6R8J TAIYO-YUDEN-LBM2016T6R8J Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LBM2016T6R8J TAIYO-YUDEN-LBM2016T6R8J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T6R8J8 TAIYO-YUDEN-LBM2016T6R8J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T6R8JV TAIYO-YUDEN-LBM2016T6R8JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T6R8JV TAIYO-YUDEN-LBM2016T6R8JV Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T6R8J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T220J TAIYO-YUDEN-LBM2016T220J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T221J TAIYO-YUDEN-LBM2016T221J_19 Datasheet
279Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T560J TAIYO-YUDEN-LBM2016T560J Datasheet
279Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR39J TAIYO-YUDEN-LBM2016TR39J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR82J TAIYO-YUDEN-LBM2016TR82J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T1R2J TAIYO-YUDEN-LBM2016T1R2J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T3R9J TAIYO-YUDEN-LBM2016T3R9J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016TR18J TAIYO-YUDEN-LBM2016TR18J Datasheet
281Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T6R8J TAIYO-YUDEN-LBM2016T6R8J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T180J TAIYO-YUDEN-LBM2016T180J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T470J TAIYO-YUDEN-LBM2016T470J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com