Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH9NA80FI Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # STH9NA80FI
Description  N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

STH9NA80FI Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  STH9NA80FI Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. STH9NA80FI Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. STH9NA80FI Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - STH9NA80FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH9NA80FI STMICROELECTRONICS-STH9NA80FI Datasheet
132Kb / 10P
   N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
More results

Similar Description - STH9NA80FI

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
logo
STMicroelectronics
STW9NA80 STMICROELECTRONICS-STW9NA80 Datasheet
132Kb / 10P
   N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STW6NA80 STMICROELECTRONICS-STW6NA80 Datasheet
138Kb / 10P
   N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STW16NA40 STMICROELECTRONICS-STW16NA40 Datasheet
73Kb / 6P
   N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
   N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com