Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2199E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2199E
Description  787 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2199E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2199E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2199E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2199E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2199E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2199E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
© 2009-2012 by RF Monolithics, Inc.
SF2199E - 4/25/12
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
787
MHz
Insertion Loss, 776 to 798 MHz
IL
2.4
3.0
dB
Amplitude Ripple, 776 to 798 MHz
0.6
1.5
Return Loss, 776 to 798 MHz
7
10
Attenuation, 0 dB Reference:
dB
10 to 746 MHz
30
54
746 to 756 MHz
30
52
1056 to 1078 MHz
40
62
1078 to 2700 MHz
25
31
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
929, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Input
2
Output
5
Case Ground
All others
SM3030-6
• Surface Mount 3.0 x 3.0 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
20
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260 °C for 30 s
787 MHz
SAW Filter
SF2199E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
 and measured with 50  network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc., are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
5 0 o h m
L o a d
5 0 o h m
S o u r c e
1
2
3
4
5
6
( b o t t o m v i e w )


Similar Part No. - SF2199E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2199E RFM-SF2199E Datasheet
237Kb / 5P
   787 MHz SAW Filter
More results

Similar Description - SF2199E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1091A TAI-SAW-TA1091A Datasheet
402Kb / 7P
   SAW Filter 787 MHz
logo
RF Monolithics, Inc
SF2199E RFM-SF2199E Datasheet
237Kb / 5P
   787 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com