Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2169E Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SF2169E
Description  1790.48 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2169E Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SF2169E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2169E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2169E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2169E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2169E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2169E Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2009-2010 by RF Monolithics, Inc.
SF2169E - 7/19/10
A
1
2
3
B
7
6
5
4
C
H
4
E
F
G
8
D
8
7
6
5
1
2
3
I
I
J
J
J
K
K
L
M
N
N
O
O
8-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
PCB Footprint Top View
Case Materials
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.14
1.27
1.40
0.045
0.050
0.055
D
0.79
0.92
1.05
0.031
0.036
0.041
E
0.62
0.75
0.88
0.024
0.029
0.034
F
0.47
0.60
0.73
0.018
0.024
0.029
G
0.47
0.60
0.73
0.018
0.024
0.029
H
1.07
1.20
1.33
0.042
0.047
0.052
I
3.19
0.126
J
0.81
0.032
K
0.96
0.038
L
0.81
0.032
M
1.39
0.055
N
0.23
0.009
O
0.38
0.015
Case and PCB Footprint Dimensions


Similar Part No. - SF2169E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2169E RFM-SF2169E Datasheet
524Kb / 6P
   1790.48 MHz SAW Filter
More results

Similar Description - SF2169E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0728B TAI-SAW-TA0728B Datasheet
427Kb / 8P
   SAW Filter 1790.48 MHz
TA0728C TAI-SAW-TA0728C Datasheet
397Kb / 7P
   SAW Filter 1790.48 MHz
TA1707A TAI-SAW-TA1707A Datasheet
392Kb / 8P
   SAW Filter 1790.48 MHz
logo
RF Monolithics, Inc
SF2169E RFM-SF2169E Datasheet
524Kb / 6P
   1790.48 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0728A TAI-SAW-TA0728A Datasheet
251Kb / 8P
   SAW Filter 1790.48 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com