Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6250P Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # T6250P
Description  Isolated Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

T6250P Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  T6250P Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. T6250P Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. T6250P Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. T6250P Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated Transmitter
TxxxxP Series
2014.03.23-A/2
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Active high precision isolated transmitter
FEATURES
Four-terminal isolation (signal input, signal output,
power supply and output of power supply are
mutually isolated)
High precision grade (0.1% F.S.)
High linearity (0.1% F.S.)
Isolation voltage (2.5KVDC/60s)
Extremely low temperature drift (50PPM/°C, within
~40 to +85°C)
Industrial grade (range of operating temperature:
~40 to +85°C)
High reliability (MTBF >500,000 hours)
Low ripple & noise: ≤30mVp-p
ESD protection (IEC/EN61000~4~2 Contact ±4KV
perf. Criteria B)
TxxxxP series is analog signal isolation modules with front~end current/voltage signal input and rear~end current/voltage signal output. They
are equipped with built~in efficient micro~power source and can output one~circuit isolated power supply while supplying power to the
internal signal processing circuit. The product adopts the electromagnetic isolating technology as a substitute for the traditional linear
opto~isolator. In contrast, this type of product has a better performance in temperature drift, linearity and precision.
Selection Guide
Model
Power Supply input (VDC)
Input Signal
Output Signal
Isolation Power
Output (VDC)
T1130P
24
4~20mA
4~20mA
None
T1133P
24
4~20mA
4~20mA
24V
T2230P
24
0~20mA
0~20mA
None
T2233P
24
0~20mA
0~20mA
24V
T1530P
24
4~20mA
0~10V
None
T1533P
24
4~20mA
0~10V
24V
T1630P
24
4~20mA
0~5V
None
T1633P
24
4~20mA
0~5V
24V
T1S33P~2.5
24
4~20mA
0~2.5V
24V
T5530P
24
0~10V
0~10V
None
T5630P
24
0~10V
0~5V
None
T6630P
24
0~5V
0~5V
None
T6650P
12
0~5V
0~5V
None
T5133P
24
0~10V
4~20mA
24V
T5153P
12
0~10V
4~20mA
24V
T6130P
24
0~5V
4~20mA
None
T6235P
24
0~5V
0~20mA
12V
T6250P
12
0~5V
0~20mA
None
T1430P
24
4~20mA
1~5V
None
T1433P
24
4~20mA
1~5V
24V
T1450P
12
4~20mA
1~5V
None
T5130P
24
0~10V
4~20mA
None
Notes: Customization products are available if required.
Input Specifications
Item
Operating Conditions
Value
Input Power Supply
Input voltage
(Nominal value of power supply input) ±5%
Input power
Signal, power full load
2W
Power supply protection
Reverse polarity protection


Similar Part No. - T6250P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T6250125 POWEREX-T6250125 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250130 POWEREX-T6250130 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250140 POWEREX-T6250140 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250225 POWEREX-T6250225 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
T6250230 POWEREX-T6250230 Datasheet
237Kb / 6P
   Phase Control SCR (250-400 Amperes 100-1200 Volts)
More results

Similar Description - T6250P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com