Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C176 Datasheet(PDF) 1 Page - Texas Instruments

Part No. DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 1 Page - Texas Instruments

  DS91C176_14 Datasheet HTML 1Page - Texas Instruments DS91C176_14 Datasheet HTML 2Page - Texas Instruments DS91C176_14 Datasheet HTML 3Page - Texas Instruments DS91C176_14 Datasheet HTML 4Page - Texas Instruments DS91C176_14 Datasheet HTML 5Page - Texas Instruments DS91C176_14 Datasheet HTML 6Page - Texas Instruments DS91C176_14 Datasheet HTML 7Page - Texas Instruments DS91C176_14 Datasheet HTML 8Page - Texas Instruments DS91C176_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS91C176, DS91D176
www.ti.com
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
Check for Samples: DS91C176, DS91D176
1
FEATURES
Wide Input Common Mode Voltage for
Increased Noise Immunity
2
DC to 100+ MHz / 200+ Mbps low power, low
DS91D176 has type 1 receiver input
EMI operation
DS91C176 has type 2 receiver with fail-safe
Optimal for ATCA, uTCA clock distribution
networks
Industrial temperature range
Meets or exceeds TIA/EIA-899 M-LVDS
Space saving SOIC-8 package
Standard
DESCRIPTION
The DS91C176 and DS91D176 are 100 MHz single channel M-LVDS (Multipoint Low Voltage Differential
Signaling) transceivers designed for applications that utilize multipoint networks (e.g. clock distribution in ATCA
and uTCA based systems). M-LVDS is a new bus interface standard (TIA/EIA-899) optimized for multidrop
networks. Controlled edge rates, tight input receiver thresholds and increased drive strength are sone of the key
enhancments that make M-LVDS devices an ideal choice for distributing signals via multipoint networks.
The DS91C176/DS91D176 are half-duplex transceivers that accept LVTTL/LVCMOS signals at the driver inputs
and convert them to differential M-LVDS signals. The receiver inputs accept low voltage differential signals
(LVDS, B-LVDS, M-LVDS, LV-PECL and CML) and convert them to 3V LVCMOS signals. The DS91D176 has a
M-LVDS type 1 receiver input with no offset. The DS91C176 has an M-LVDS type 2 receiver which enable
failsafe functionality.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS91C176_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS91C176TMA NSC-DS91C176TMA Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
DS91C176TMA NSC-DS91C176TMA Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
Texas Instruments
Texas Instruments
DS91C176TMA TI-DS91C176TMA Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176TMA/NOPB TI-DS91C176TMA/NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176TMAX TI-DS91C176TMAX Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
More results

Similar Description - DS91C176_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
Texas Instruments
Texas Instruments
DS91C176TMAX-NOPB TI-DS91C176TMAX-NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
National Semiconductor (TI)
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
Texas Instruments
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
National Semiconductor (TI)
National Semiconductor ...
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
   100 MHz M-LVDS Line Driver/Receiver Pair
Texas Instruments
Texas Instruments
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
[Old version datasheet]   100 MHz M-LVDS Line Driver/Receiver Pair
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
Analog Devices
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz