Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C176 Datasheet(PDF) 6 Page - Texas Instruments

Part No. DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS91C176_14 Datasheet HTML 2Page - Texas Instruments DS91C176_14 Datasheet HTML 3Page - Texas Instruments DS91C176_14 Datasheet HTML 4Page - Texas Instruments DS91C176_14 Datasheet HTML 5Page - Texas Instruments DS91C176_14 Datasheet HTML 6Page - Texas Instruments DS91C176_14 Datasheet HTML 7Page - Texas Instruments DS91C176_14 Datasheet HTML 8Page - Texas Instruments DS91C176_14 Datasheet HTML 9Page - Texas Instruments DS91C176_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS91C176, DS91D176
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IA(OFF)
Transceiver input/output power-off current
VA = 3.8V, VB = 1.2V,
DE = VCC
32
µA
0V
≤ VCC ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V,
DE = VCC
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VA = −1.4V, VB = 1.2V,
DE =VCC
−32
µA
0V
≤ VCC ≤ 1.5V
IB(OFF)
Transceiver input/output power-off current
VB = 3.8V, VA = 1.2V,
DE = VCC
32
µA
0V
≤ VCC ≤ 1.5V
VB = 0V or 2.4V, VA = 1.2V,
DE = VCC
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VB = −1.4V, VA = 1.2V,
DE = VCC
−32
µA
0V
≤ VCC ≤ 1.5V
IAB(OFF)
Transceiver input/output power-off differential current
VA = VB, −1.4V ≤ V ≤ 3.8V,
(IA(OFF) − IB(OFF))
DE = VCC
−4
+4
µA
0V
≤ VCC ≤ 1.5V
CA
Transceiver input/output capacitance
VCC = OPEN
9
pF
CB
Transceiver input/output capacitance
9
pF
CAB
Transceiver input/output differential capacitance
5.7
pF
CA/B
Transceiver input/output capacitance balance (CA/CB)
1.0
SUPPLY CURRENT (VCC)
ICCD
Driver Supply Current
RL = 50Ω, DE = VCC, RE = VCC
20
29.5
mA
ICCZ
TRI-STATE Supply Current
DE = GND, RE = VCC
6
9.0
mA
ICCR
Receiver Supply Current
DE = GND, RE = GND
14
18.5
mA
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: DS91C176 DS91D176


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn