Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C176 Datasheet(PDF) 4 Page - Texas Instruments

Part No. DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 4 Page - Texas Instruments

  DS91C176_14 Datasheet HTML 1Page - Texas Instruments DS91C176_14 Datasheet HTML 2Page - Texas Instruments DS91C176_14 Datasheet HTML 3Page - Texas Instruments DS91C176_14 Datasheet HTML 4Page - Texas Instruments DS91C176_14 Datasheet HTML 5Page - Texas Instruments DS91C176_14 Datasheet HTML 6Page - Texas Instruments DS91C176_14 Datasheet HTML 7Page - Texas Instruments DS91C176_14 Datasheet HTML 8Page - Texas Instruments DS91C176_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS91C176, DS91D176
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage, VCC
−0.3V to +4V
Control Input Voltages
−0.3V to (VCC + 0.3V)
Driver Input Voltage
−0.3V to (VCC + 0.3V)
Driver Output Voltages
−1.8V to +4.1V
Receiver Input Voltages
−1.8V to +4.1V
Receiver Output Voltage
−0.3V to (VCC + 0.3V)
Maximum Package Power Dissipation at +25°C
SOIC Package
833 mW
Derate SOIC Package
6.67 mW/°C above +25°C
Thermal Resistance (4-Layer, 2 oz. Cu, JEDEC)
θJA
150°C/W
θJC
63°C/W
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 4 seconds)
260°C
ESD Ratings:
(HBM 1.5k
Ω, 100pF)
≥ 8 kV
(EIAJ 0
Ω, 200pF)
≥ 250 V
(CDM 0
Ω, 0pF)
≥ 1000 V
(1)
“Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that
the device should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage, VCC
3.0
3.3
3.6
V
Voltage at Any Bus Terminal
−1.4
+3.8
V
(Separate or Common-Mode)
Differential Input Voltage VID
2.4
V
LVTTL Input Voltage High VIH
2.0
VCC
V
LVTTL Input Voltage Low VIL
0
0.8
V
Operating Free Air
Temperature TA
−40
+25
+85
°C
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: DS91C176 DS91D176


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn