Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C176 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 3 Page - Texas Instruments

  DS91C176_14 Datasheet HTML 1Page - Texas Instruments DS91C176_14 Datasheet HTML 2Page - Texas Instruments DS91C176_14 Datasheet HTML 3Page - Texas Instruments DS91C176_14 Datasheet HTML 4Page - Texas Instruments DS91C176_14 Datasheet HTML 5Page - Texas Instruments DS91C176_14 Datasheet HTML 6Page - Texas Instruments DS91C176_14 Datasheet HTML 7Page - Texas Instruments DS91C176_14 Datasheet HTML 8Page - Texas Instruments DS91C176_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
xxx
xxx
xxx
High
High
Low
Low
0 V
2.4 V
-2.4 V
50 mV
-50 mV
150 mV
Transition Region
Type 1
Type 2
VID
DS91C176, DS91D176
www.ti.com
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
Connection and Logic Diagram
Figure 1. Top View
M-LVDS Receiver Types
The EIA/TIA-899 M-LVDS standard specifies two different types of receiver input stages. A type 1 receiver has a
conventional threshold that is centered at the midpoint of the input amplitude, VID/2. A type 2 receiver has a built
in offset that is 100mV greater than VID/2. The type 2 receiver offset acts as a failsafe circuit where open or short
circuits at the input will always result in the output stage being driven to a low logic state.
Figure 2. M-LVDS Receiver Input Thresholds
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS91C176 DS91D176


Similar Part No. - DS91C176_14

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS91C176TMA NSC-DS91C176TMA Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
DS91C176TMA NSC-DS91C176TMA Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
Texas Instruments
Texas Instruments
DS91C176TMA TI-DS91C176TMA Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176TMA/NOPB TI-DS91C176TMA/NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176TMAX TI-DS91C176TMAX Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
More results

Similar Description - DS91C176_14

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
Texas Instruments
Texas Instruments
DS91C176TMAX-NOPB TI-DS91C176TMAX-NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
National Semiconductor (TI)
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
Texas Instruments
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
National Semiconductor (TI)
National Semiconductor ...
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
   100 MHz M-LVDS Line Driver/Receiver Pair
Texas Instruments
Texas Instruments
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
[Old version datasheet]   100 MHz M-LVDS Line Driver/Receiver Pair
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
Analog Devices
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com