Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS91C176 Datasheet(PDF) 2 Page - Texas Instruments

Part No. DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 2 Page - Texas Instruments

  DS91C176_14 Datasheet HTML 1Page - Texas Instruments DS91C176_14 Datasheet HTML 2Page - Texas Instruments DS91C176_14 Datasheet HTML 3Page - Texas Instruments DS91C176_14 Datasheet HTML 4Page - Texas Instruments DS91C176_14 Datasheet HTML 5Page - Texas Instruments DS91C176_14 Datasheet HTML 6Page - Texas Instruments DS91C176_14 Datasheet HTML 7Page - Texas Instruments DS91C176_14 Datasheet HTML 8Page - Texas Instruments DS91C176_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CLK1A (8 KHz)
CLK1B (8 KHz)
CLK2A (19.44 MHz)
CLK2B (19.44 MHz)
CLK3A (User Defined up to 100 MHz)
CLK3B (User Defined up to 100 MHz)
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
ATCA Backplane
Slot Card N
Slot Card N+1
MLVDS Transceivers
MLVDS Transceivers
DS91C176, DS91D176
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
www.ti.com
Typical Application in an ATCA Clock Distribution Network
System Diagram
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: DS91C176 DS91D176


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn