Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV001 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90LV001
Description  800 Mbps LVDS Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV001 Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV001_14 Datasheet HTML 1Page - Texas Instruments DS90LV001_14 Datasheet HTML 2Page - Texas Instruments DS90LV001_14 Datasheet HTML 3Page - Texas Instruments DS90LV001_14 Datasheet HTML 4Page - Texas Instruments DS90LV001_14 Datasheet HTML 5Page - Texas Instruments DS90LV001_14 Datasheet HTML 6Page - Texas Instruments DS90LV001_14 Datasheet HTML 7Page - Texas Instruments DS90LV001_14 Datasheet HTML 8Page - Texas Instruments DS90LV001_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DS90LV001
www.ti.com
SNLS067E – JANUARY 2001 – REVISED APRIL 2013
DS90LV001 800 Mbps LVDS Buffer
Check for Samples: DS90LV001
1
FEATURES
DESCRIPTION
The DS90LV001 LVDS-LVDS Buffer takes an LVDS
2
Single +3.3 V Supply
input signal and provides an LVDS output signal. In
LVDS Receiver Inputs Accept LVPECL Signals
many large systems, signals are distributed across
TRI-STATE Outputs
backplanes, and one of the limiting factors for system
speed is the "stub length" or the distance between
Receiver Input Threshold < ±100 mV
the transmission line and the unterminated receivers
Fast Propagation Delay of 1.4 ns (Typ)
on
individual
cards.
Although
it
is
generally
Low Jitter 800 Mbps Fully Differential Data
recognized that this distance should be as short as
Path
possible to maximize system performance, real-world
packaging concerns often make it difficult to make the
100 ps (Typ) of pk-pk Jitter with PRBS = 223
−1
stubs as short as the designer would like.
Data Pattern at 800 Mbps
The DS90LV001, available in the WSON package,
Compatible with ANSI/TIA/EIA-644-A LVDS
will allow the receiver to be placed very close to the
Standard
main
transmission
line,
thus
improving
system
8 pin SOIC and Space Saving (70%) WSON
performance.
Package
A
wide
input
dynamic
range
will
allow
the
Industrial Temperature Range
DS90LV001
to
receive
differential
signals
from
LVPECL as well as LVDS sources. This will allow the
device to also fill the role of an LVPECL-LVDS
translator.
An output enable pin is provided, which allows the
user to place the LVDS output in TRI-STATE.
The DS90LV001 is offered in two package options,
an 8 pin WSON and SOIC.
Connection Diagram
Figure 1. Top View
See Package Number D (R-PDSO-G8), NGK0008A
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
More results

Similar Description - DS90LV001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001TMX TI1-DS90LV001TMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV001 800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
[Old version datasheet]   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
[Old version datasheet]   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com