Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLKOUT Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # CLKOUT
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

CLKOUT Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  CLKOUT Datasheet HTML 1Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 2Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 3Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 4Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 5Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 6Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 7Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 8Page - Pericom Semiconductor Corporation CLKOUT Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
Application Information
Decoupling Capacitor
Two decoupling capacitors of 0.1uF and 1nF must be connected in parallel between VDD and GND. To opti-
mize device performance and to lower output noise, the coupling capacitors should be placed on the compo-
nent side of the board as close to these pins as possible. There should be no vias placed between the decou-
pling capacitors and VDD pin. The PCB trace to VDD pin should be as short as possible, and no vias should
be placed between VDD and the capacitors in the decoupling circuit.
VDD
Strapping to high
S0,S1,
SSON
VDD
0.1uF 1nF
VDD
Strapping to low
S0,S1,
SSON
0.1uF 1nF
Crystal Load Capacitor
If a crystal is used with the device, two external trim capacitors, CLtrim, are used to adjust the effective capac-
itance to match the required crystal load capacitance. The CLtrim value can be derived from formula CLtrim =
2*CL – (Cs + Ci). The typical CLtrim = 28pF when crystal load = 18pF, stray capacitance Cs = 3pF and XTAL
pins capacitance = 5pF.
X1
Crystal
C
Ltrim
C
Ltrim
X2


Similar Part No. - CLKOUT

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CLK-3500 SYNERGY-CLK-3500 Datasheet
354Kb / 4P
   TRIPLE-BALANCED MIXER
CLK-6000 SYNERGY-CLK-6000 Datasheet
205Kb / 3P
   DOUBLE-BALANCED MIXER
CLK-705S SYNERGY-CLK-705S Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
CLK-706 SYNERGY-CLK-706 Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
CLK-710S SYNERGY-CLK-710S Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
More results

Similar Description - CLKOUT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com