Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0544 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0544
Description  SMT GATE DRIVE TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0544 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0544 Datasheet HTML 1Page - Pulse A Technitrol Company P0544 Datasheet HTML 2Page - Pulse A Technitrol Company P0544 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
113
SPM2007 (6/08)
SMT GATE DRIVE TRANSFORMERS
1500VDC Basic and Operational Insulation
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C 5
Pri-Sec
Primary
Leakage 2
DCR
DCR
Package Size
Part
3,4
Turns
Insulation
MAX
1
Inductance
Inductance
Primary
Secondary
(L x W x H)
Number
Ratio
(VDC)
V*µsec
(µH MIN)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
(mm MAX)
OPERATIONAL INSULATION
PE-68386NL
1:1
1500
9.7
785
0.46
0.60
0.60
8.6 x 6.7 x 2.5
P0926NL
1:1:1
1500
23.8
300
0.50
2.00
2.00
8.0 x 6.6 x 5.3
P0544NL
1:1:1
1500
45.1
3300
0.70
1.60
1.60
9.0 x 8.6 x 7.6
P2033
1:1
1500
9.3
500
17.00
0.80
0.80
7.2 x 6.1 x 3.8
PA0264NL
1:1:1
1500
12.7
1140
0.65
0.75
0.75
8.6 x 6.7 x 3.6
BASIC INSULATION (1.4 MM CREEPAGE AND CLEARANCE BETWEEN PRIMARY AND SECONDARY)
PA0173NL
1:1:1
1500 Vrms
17.2
980
0.75
0.62
0.88
11.8 x 8.8 x 4.0
PA0185NL
1:1
1500 Vrms
17.2
980
0.75
0.88
0.62
11.8 x 8.8 x 4.0
PA0184NL
1:1
1500 Vrms
27.2
1200
0.50
0.91
0.91
9.0 x 8.6 x 7.6
PA0297NL
2:1:1
1500 Vrms
27.2
1200
0.60
0.91
0.46
9.0 x 8.6 x 7.6
PA0510NL
2.5:1:1
1500 Vrms
27.2
1200
0.68
0.91
0.380
9.0 x 8.6 x 7.6
1.The maximum volt-µsec rating limits the peak flux density to 2200 Gauss when used
in a unipolar drive application. For bi-polar drive applications a maximum volt-µsec of
two times this rating is acceptable (ie: 2* (volt*µsec rating) Volt*µsec = (voltage
applied to the primary) * dutycycle / Frequecy = V * alpha / Freq_Hz = V * µsec
2. Leakage inductance is measured at primary terminals with all secondaries shorted.
3.Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part
number (i.e. P0544NL becomes P0544NLT). Pulse complies to industry standard
tape and reel specification EIA481.
4.The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are
not necessarily RoHS compliant, but are electrically and mechanically equivalent to NL
versions. If a part number does not have the "NL" suffix, but an RoHS compliant version
is required, please contact Pulse for availability.
5.The temperature of the component (ambient plus temperature rise) must be within
the stated operating temperature range.
NOTES:
Mechanical
Schematic
.098 MAX
2,49
.005/0,13
4 SURFACES
PE-68386
Date Code
Country of Origin
.340 MAX
8,64
4X .100
2,54
.265 MAX
6,73
6
1
3
4
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
.200
5,08
.100
2,54
.225
5,71
.060
1,52
SUGGESTED PAD LAYOUT
.050
1,27
16
34
Weight . . . . . . . . . . . . . .0.28 grams
Tape & Reel . . . . . . . . . . .1500/reel
Tube . . . . . . . . . . . . . . . . . .60/tube
1500VDC isolation between Gate and Drive
Basic insulation (1.4mm creepage/clearance)
and operational available
Operating frequency: 50kHz and up
1
6
2
5
3
4
P0264
Date Code
Country of Origin
.265 MAX
6,73
3
2
1
4
6
5
.340 MAX
8,64
4X .100
2,54
SUGGESTED PAD LAYOUT
.070
1,78
.320
8,13
.220
5,59
.200
5,08 .100
2,54
.005/0,13
6 SURFACES
.140 MAX
3,56
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .0.23 grams
Tape & Reel . . . . . . . . . . . .800/reel
Tube . . . . . . . . . . . . . . . . . .75/tube


Similar Part No. - P0544

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0544NL PULSE-P0544NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
P0544NL PULSE-P0544NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results

Similar Description - P0544

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA0185NLT PULSE-PA0185NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
logo
Coilcraft lnc.
DA2319-AL COILCRAFT-DA2319-AL Datasheet
160Kb / 1P
   SMT Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
logo
Pulse A Technitrol Comp...
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PL1960 PULSE-PL1960 Datasheet
180Kb / 1P
   SMT GATE DRIVE TRANSFORMERS
PA2007NLT PULSE-PA2007NLT Datasheet
789Kb / 3P
   SMT Gate Drive Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com