Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC149-080-030-B5 Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # IC149-080-030-B5
Description  QFP/TQFP - 80 Pins (20x20) 0.5mm pitch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC149-080-030-B5 Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  IC149-080-030-B5 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. IC149-080-030-B5 Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
CLICK HERE TO GO BACK TO PART NUMBER OVERVIEW
Specifications
Insulation Resistance:
500M
Ω at 150V DC
Withstanding Voltage:
100V
eff to 700Veff for 1 minute
Contact Resistance:
30m
Ω max. at 10mA and 20mV
Operating Temp. Range:
-25°C to +85°C
Reflow-soldering Temp.:
220°C for 60 seconds
Mating Cycles:
20 insertions maximum
Solvent Durability:
Freon
Allowable Torque (max.): - for 1-time screw connection
= max 0.147 Nm
- for repetitive screw connection = min 0.078 Nm
max 0.098 Nm
Materials and Finish
Housing: Polyphenylenesulfide (PPS) glass filled UL94V-0
Contact: Beryllium Copper (BeCu)
Plating:
Au 0.3µm min. over 2.5 ~ 4.5µm Ni = B5
IC149
-
080 - *51 - B5
Part Number (Details)
Series No.
No. of Contact Pins
Positioning Pins:
0 = Without Pins
1 = With Pins
Contact Plating:
B5 = Au over Ni
ICP-080-7
Compatible Emulation-Adapter
IC149 Series (SMT)
QFP/TQFP - 80 Pins (20x20) 0.65mm pitch
1. Ensure a clean contact area. Fluxes, dust and other impurifications
may cause corrosion and contact problems.
2. This Socket is not for automatic production. It is particulary suitable
for the development of software stored in ROM and for testing LSI-IC's.
3. Careful attention must be taken when fixing the Socket, since it is
entirely made from thermoplastic material. If the max. torque is
exceeded, the Socket will be damaged beyond repair.
4. If using the Socket with an Adapter, please use the gold-plated
Socket version.
Remarks
Notes
N1: Metal soldering Tab Clip. Socket may be stabilized
by soldering (Reflow) in these 4 areas.
N3: These holes are only necessary for use with positioning pins.
Detail C
N3
N1
28.00
Outline Socket Dimensions (Reference Only)
IC - Dimensions
Socket PCB-Layout
Top View from Socket
Detail C
14mm x 14mm


Similar Part No. - IC149-080-030-B5

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC149-064-001-B5 YAMAICHI-IC149-064-001-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
IC149-064-008-B5 YAMAICHI-IC149-064-008-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
IC149-064-075-B5 YAMAICHI-IC149-064-075-B5 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
logo
Actel Corporation
IC149-064-175-B5 ACTEL-IC149-064-175-B5 Datasheet
399Kb / 3P
   SY-TQG64, yamaichi lead free prototype socket drawing for TQG64 and TQG64 packages
logo
Yamaichi Electronics Co...
IC149-064-69 YAMAICHI-IC149-064-69 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
More results

Similar Description - IC149-080-030-B5

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC149-064-69 YAMAICHI-IC149-064-69 Datasheet
123Kb / 7P
   QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
logo
Aries Electronics, Inc.
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
   64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
logo
Renesas Technology Corp
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
PCA4979 RENESAS-PCA4979 Datasheet
2Mb / 16P
   Converter from 80-pin 0.65mm-pitch QFP
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
Pomona Electronics
5751L POMONA-5751L Datasheet
43Kb / 1P
   80 Pin QFP Locking Test Clip
logo
Renesas Technology Corp
PCA4688A RENESAS-PCA4688A Datasheet
348Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch QFP to 80-pin 0.8mm-pitch LCC
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
   48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
Renesas Technology Corp
M3T-FLX-144NSE RENESAS-M3T-FLX-144NSE Datasheet
290Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch TQFP
M3T-DUMMY80 RENESAS-M3T-DUMMY80 Datasheet
168Kb / 1P
   Dummy IC for 80-pin 0.8mm-pitch QFP (80P6N-A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com