Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC149-064-69 Datasheet(PDF) 6 Page - Yamaichi Electronics Co., Ltd.

Part # IC149-064-69
Description  QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC149-064-69 Datasheet(HTML) 6 Page - Yamaichi Electronics Co., Ltd.

  IC149-064-69 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. IC149-064-69 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
CLICK HERE TO GO BACK TO PART NUMBER OVERVIEW
Specifications
Insulation Resistance:
500M
Ω at 150V DC
Withstanding Voltage:
100V
eff to 700Veff for 1 minute
Contact Resistance:
30m
Ω max. at 10mA and 20mV
Operating Temp. Range:
-25°C to +85°C
Reflow-soldering Temp.:
220°C for 60 seconds
Mating Cycles:
20 insertions maximum
Solvent Durability:
Freon
Materials and Finish
Housing: Polyphenylenesulfide (PPS) glass filled UL94V-0
Contact: Beryllium Copper (BeCu)
Plating:
Au 0.3µm min. over 2.5 ~ 4.5µm Ni = B5
Extra Feature: Clipped Cover
IC149
-
064 - *01 - B5
Part Number (for IC-use)
Series No.
No. of Contact Pins
Positioning Pins:
0 = Without Pins
1 = With Pins
Contact Plating:
B5 = Au over Ni
30.15
Outline Socket Dimensions (Reference Only)
IC - Dimensions
Socket PCB-Layout
Top View from Socket
IC149 Series (SMT)
QFP/TQFP - 64 Pins (13x19) 1.0mm pitch
1. Ensure a clean contact area. Fluxes, dust and other impurifications
may cause corrosion and contact problems.
2. This Socket is not for automatic production. It is particulary suitable
for the development of software stored in ROM and for testing LSI-IC's.
3. Careful attention must be taken when fixing the Socket, since it is
entirely made from thermoplastic material. If the max. torque is
exceeded, the Socket will be damaged beyond repair.
4. If using the Socket with an Adapter, please use the gold-plated
Socket version.
Remarks
Notes
N1: Metal soldering Tab Clip. Socket may be stabilized
by soldering (Reflow) in these 4 areas.
N2:
N2:
N2:
N2:
N2:These holes are only necessary when fixing the Socket with screws.
N3: These holes are only necessary for use with positioning pins.
N4: The Socket may be glued to the PC Board within this area.
not available
Compatible Emulation-Adapter
14mm x 20mm
22.9 • 17.0
0.15
3.05
max.
1.0
20.0
0.35
Detail E
N1
Detail E
N3
N4
N2
23.6 ~ 26.1


Similar Part No. - IC149-064-69

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
IC149-064-175-B5 ACTEL-IC149-064-175-B5 Datasheet
399Kb / 3P
   SY-TQG64, yamaichi lead free prototype socket drawing for TQG64 and TQG64 packages
More results

Similar Description - IC149-064-69

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC149-080-31 YAMAICHI-IC149-080-31 Datasheet
217Kb / 12P
   QFP/TQFP - 80 Pins (20x20) 0.5mm pitch
logo
Aries Electronics, Inc.
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
   64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
   48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
Renesas Technology Corp
M3T-FLX-144NSE RENESAS-M3T-FLX-144NSE Datasheet
290Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch TQFP
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
M3T-DUMMY64 RENESAS-M3T-DUMMY64 Datasheet
125Kb / 1P
   Dummy IC for 64-pin 0.8mm-pitch QFP (64P6N-A)
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com