Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR150 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR150
Description  3.125 Gbps LVDS Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR150 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS25BR150 Datasheet HTML 4Page - Texas Instruments DS25BR150 Datasheet HTML 5Page - Texas Instruments DS25BR150 Datasheet HTML 6Page - Texas Instruments DS25BR150 Datasheet HTML 7Page - Texas Instruments DS25BR150 Datasheet HTML 8Page - Texas Instruments DS25BR150 Datasheet HTML 9Page - Texas Instruments DS25BR150 Datasheet HTML 10Page - Texas Instruments DS25BR150 Datasheet HTML 11Page - Texas Instruments DS25BR150 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
60
50
40
30
20
10
0
0.25
0.40
0.55
0.70
0.85
1.00
VCC = 3.3V
TA = 25°C
NRZ PRBS-7
2.5 Gbps
DIFFERENTIAL INPUT VOLTAGE (V)
VICM = 1.0V
VICM = 2.4V
DS25BR150
SNLS257D – APRIL 2007 – REVISED MAY 2011
www.ti.com
Typical Performance
Figure 10. A 2.5 Gbps NRZ PRBS-7 Output Eye Diagram
V:100 mV / DIV, H:75 ps / DIV
Figure 11. Total Jitter as a Function of Input Amplitude
Figure 12. A 3.125 Gbps NRZ PRBS-7 Output Eye Diagram
V:100 mV / DIV, H:50 ps / DIV
8
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: DS25BR150


Similar Part No. - DS25BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR150 NSC-DS25BR150 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
DS25BR150TSD NSC-DS25BR150TSD Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR150TSD NSC-DS25BR150TSD Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR150TSD NSC-DS25BR150TSD Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR150TSD NSC-DS25BR150TSD Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
More results

Similar Description - DS25BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
[Old version datasheet]   DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
[Old version datasheet]   DS30BA101 3.125 Gbps Differential Buffer
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com