Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10BR150 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS10BR150
Description  1.0 Gbps LVDS Buffer / Repeater
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10BR150 Datasheet(HTML) 3 Page - Texas Instruments

  DS10BR150 Datasheet HTML 1Page - Texas Instruments DS10BR150 Datasheet HTML 2Page - Texas Instruments DS10BR150 Datasheet HTML 3Page - Texas Instruments DS10BR150 Datasheet HTML 4Page - Texas Instruments DS10BR150 Datasheet HTML 5Page - Texas Instruments DS10BR150 Datasheet HTML 6Page - Texas Instruments DS10BR150 Datasheet HTML 7Page - Texas Instruments DS10BR150 Datasheet HTML 8Page - Texas Instruments DS10BR150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS10BR150
www.ti.com
SNLS252C – APRIL 2007 – REVISED MAY 2011
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
LVDS Input Voltage (IN+, IN
−)
−0.3V to +4V
Differential Input Voltage |VID|
1V
LVDS Output Voltage (OUT+, OUT
−)
−0.3V to (VCC +0.3V)
LVDS Differential Output Voltage ((OUT+) - (OUT
−))
0V to 1V
LVDS Output Short Circuit Current Duration
5 ms
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
Maximum Package Power Dissipation at 25°C
NGQ Package
2.08W
Derate NGQ Package
16.7 mW/°C above +25°C
Package Thermal Resistance
θJA
+60.0°C/W
θJC
+12.3°C/W
ESD Susceptibility
HBM(3)
≥7 kV
MM(4)
≥250V
CDM(5)
≥1250V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. JESD22-A114C
(4)
Machine Model, applicable std. JESD22-A115-A
(5)
Field Induced Charge Device Model, applicable std. JESD22-C101-C
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Receiver Differential Input Voltage (VID)
0
1
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
DC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT DC SPECIFICATIONS (OUT+, OUT-)
VOD
Differential Output Voltage
250
350
450
mV
RL = 100Ω
ΔVOD
Change in Magnitude of VOD for Complimentary
-35
35
mV
Output States
VOS
Offset Voltage
1.05
1.2
1.375
V
RL = 100Ω
ΔVOS
Change in Magnitude of VOS for Complimentary
-35
35
mV
Output States
(1)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS10BR150


Similar Part No. - DS10BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR150 NSC-DS10BR150 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI-DS10BR150 Datasheet
793Kb / 15P
[Old version datasheet]   DC - 1.0 Gbps Low Jitter, High Noise Immunity, Low Power Operation
DS10BR150 TI1-DS10BR150 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
logo
National Semiconductor ...
DS10BR150TSD NSC-DS10BR150TSD Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150TSD/NOPB TI1-DS10BR150TSD/NOPB Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
More results

Similar Description - DS10BR150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_13 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
[Old version datasheet]   4-Channel 800 Mbps LVDS Buffer/Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com