Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8838 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8838
Description  Low-Voltage H-Bridge Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8838 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8838 Datasheet HTML 7Page - Texas Instruments DRV8838 Datasheet HTML 8Page - Texas Instruments DRV8838 Datasheet HTML 9Page - Texas Instruments DRV8838 Datasheet HTML 10Page - Texas Instruments DRV8838 Datasheet HTML 11Page - Texas Instruments DRV8838 Datasheet HTML 12Page - Texas Instruments DRV8838 Datasheet HTML 13Page - Texas Instruments DRV8838 Datasheet HTML 14Page - Texas Instruments DRV8838 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DRV8837, DRV8838
www.ti.com
SLVSBA4C – JUNE 2012 – REVISED FEBRUARY 2014
7.3 Feature Description
7.3.1 Bridge Control
The DRV8837 is controlled using a PWM input interface, also called an IN/IN interface. Each output is controlled
by a corresponding input pin.
Table 1 shows the logic for the DRV8837 device:
Table 1. DRV8837 Device Logic
nSLEEP
IN1
IN2
OUT1
OUT2
Function (DC Motor)
0
X
X
Z
Z
Coast
1
0
0
Z
Z
Coast
1
0
1
L
H
Reverse
1
1
0
H
L
Forward
1
1
1
L
L
Brake
The DRV8838 is controlled using a PHASE/ENABLE interface. This interface uses one pin to control the H-
bridge current direction, and one pin to enable or disable the H-bridge.
Table 2 shows the logic for the DRV8838:
Table 2. DRV8838 Device Logic
nSLEEP
PH
EN
OUT1
OUT2
Function (DC Motor)
0
X
X
Z
Z
Coast
1
X
0
L
L
Brake
1
1
1
L
H
Reverse
1
0
1
H
L
Forward
7.3.2 Sleep Mode
If the nSLEEP pin is brought to a logic-low state, the DRV883x enters a low-power sleep mode. In this state, all
unnecessary internal circuitry is powered down.
7.3.3 Power Supplies and Input Terminals
The input pins may be driven within their recommended operating conditions with or without the VCC and/or VM
power supplies present. No leakage current path will exist to the supply. There is a weak pulldown resistor
(approximately 100 k
Ω) to ground on each input pin.
VCC and VM may be applied and removed in any order. When VCC is removed, the device will enter a low
power state and draw very little current from VM. VCC and VM may be connected together if the supply voltage
is between 1.8 and 7 V.
The VM voltage supply does not have any undervoltage lockout protection (UVLO), so as long as VCC > 1.8 V;
the internal device logic will remain active. This means that the VM pin voltage may drop to 0 V, however, the
load may not be sufficiently driven at low VM voltages.
7.3.4 Protection Circuits
The DRV883x is fully protected against VCC undervoltage, overcurrent, and overtemperature events.
VCC Undervoltage Lockout: If at any time the voltage on the VCC pin falls below the undervoltage lockout
threshold voltage, all FETs in the H-bridge will be disabled. Operation resumes when VCC rises above the UVLO
threshold.
Overcurrent Protection (OCP): An analog current limit circuit on each FET limits the current through the FET by
removing the gate drive. If this analog current limit persists for longer than tDEG, all FETs in the H-bridge will be
disabled. Operation resumes automatically after tRETRY has elapsed. Overcurrent conditions will be detected on
both the high-side and low-side devices. A short to VM, GND, or from OUT1 to OUT2 results in an overcurrent
condition
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8837 DRV8838


Similar Part No. - DRV8838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8838DSGR TI1-DRV8838DSGR Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
DRV8838DSGT TI1-DRV8838DSGT Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
More results

Similar Description - DRV8838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
[Old version datasheet]   Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
   LOW-VOLTAGE H-BRIDGE DRIVER
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
   LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
   Low voltage H-bridge driver chip
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
[Old version datasheet]   1-A Low-Voltage H-Bridge Driver
logo
Shenzhen Huazhimei Semi...
HM2510 HMSEMI-HM2510 Datasheet
763Kb / 9P
   Low voltage dual channel H-bridge driver
HM8837A HMSEMI-HM8837A Datasheet
1Mb / 12P
   Low-voltage H-bridge motor driver chip
logo
New Japan Radio
NJU7381A NJRC-NJU7381A Datasheet
689Kb / 11P
   LOW VOLTAGE OPERATION DUAL H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com