Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF4815LP-20W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URF4815LP-20W
Description  REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF4815LP-20W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URF4815LP-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF4815LP-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF4815LP-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF4815LP-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF4815LP-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF4815LP-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URF_LP-20W
2013.05.24-A/1
Page 3of 6
EMC RECOMMENDED CIRCUIT
LDM2
C0
TVS
LDM1
MOV
FUSE
C1
V in
GND
+
Vin
GND
+Vo
-Vo
(0V)
EUT
LOAD
CY2
CY1
(Figure1)
Note: In Figure 1,part①is EMS recommended external circuit, part② is EMI
recommended external circuit. Choose according to requirements.
Recommended external circuit parameters:
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
LDM1
56
μH
TVS
SMCJ48A
SMCJ90A
C0
330
μF/50V
330
μF/100V
C1
1
μF /50V
1
μF /100V
LDM2
4.7
μH
CY1,CY2
1nF/5KV
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)
Note: The pad space between input and output (CY1/CY2) must
≥2mm.
EMI TEST WAVEFORM(RECOMMENDED CIRCUIT 1-②)
URF2405LP-20W
CE (Class B, Positive line)
URF2405LP-20W
CE (Class B, Negative line)
URF4815LP-20W
CE (Class B, Positive line)
URF4815LP-20W
CE (Class B, Negative line)
URF2405LP-20W
RE(Class B, Horizontal)
URF2405LP-20W
RE(Class B, Vertical)
URF4815LP-20W
RE(Class B, Horizontal)
URF4815LP-20W
RE(Class B, Vertical)


Similar Part No. - URF4815LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF4815LP-20WR3 MORNSUN-URF4815LP-20WR3 Datasheet
329Kb / 6P
   DC/DC Converter
URF4815LP-20WR3 MORNSUN-URF4815LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF4815LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
   8W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com