Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2405LP-20W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URF2405LP-20W
Description  REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2405LP-20W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URF2405LP-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2405LP-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2405LP-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2405LP-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2405LP-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF2405LP-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URF_LP-20W
2013.05.24-A/1
Page 2of 6
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
Line Regulation
Full load, input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.5
±1
%
Transient Recovery Time
--
300
500
µs
Transient Response Deviation
25% load step change
--
±3
±5
%
Temperature Drift
100% load
--
±0.02
--
%/
°C
Ripple & Noise*
20MHz bandwidth
--
70
100
mVp-p
Trim
--
±10%
--
5VDC output
--
6.2
--
12VDC output
--
15
--
15VDC output
--
18
--
Output Over Voltage Protection
24VDC output
--
28.8
--
VDC
Over Current Protection
--
150
--
%
Short Circuit Protection
Input voltage range
Hiccup, Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute and leakage current less than 5 mA
(Except the pin of Ctrl)
3000
--
--
VAC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
1000
--
pF
Switching Frequency
PWM mode
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Plastic (UL94-V0)
PCB mounting
51.50
×26.50×12.00
A2S Chassis mounting
76.00
×31.50×21.20
Size
A4S DIN-Rail mounting
76.00
×31.50×25.80
mm
PCB mounting
--
25
--
A2S Chassis mounting
--
47
--
Weight
A4S DIN-Rail mounting
--
67
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
Power derating (above 65℃, see Figure 3)
-40
--
85
Storage Temperature
-40
--
125
The Max. Case Temperature
Operating Temperature curve range
--
--
105
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
Shake
10-55Hz, 10G, 30 Min. along X, Y and Z
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B(External Circuit Refer to Figure1-②)
EMI
RE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B(External Circuit Refer to Figure1-②)
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
(External Circuit Refer to Figure1-①)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
(External Circuit Refer to Figure1-①)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B


Similar Part No. - URF2405LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2405LP-20WR3 MORNSUN-URF2405LP-20WR3 Datasheet
329Kb / 6P
   DC/DC Converter
URF2405LP-20WR3 MORNSUN-URF2405LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF2405LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
   8W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com