Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB4812YMD-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PWB4812YMD-6W
Description  DUAL & SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWB4812YMD-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PWB4812YMD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWB4812YMD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PWB4812YMD-6W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
PWA_YMD-6W & PWB_YMD-6W
A/2-2012
Page 1 of 3
PWA_YMD-6W & PWB_YMD-6W Series
6W, 4:1 WIDE INPUT, ISOLATED & REGULATED
DUAL & SINGLE OUTPUT DC-DC CONVERTER
Patent Protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
PWA2405YMD-6W
±5
±600
±60
80
PWA2412YMD-6W
±12
±250
±25
82
PWA2415YMD-6W
±15
±200
±20
84
PWA2424YMD-6W
±24
±125
±13
82
PWB2405YMD-6W
5
1200
120
80
PWB2412YMD-6W
12
500
50
82
PWB2415YMD-6W
15
400
40
84
PWB2424YMD-6W
24
9.0-36
40
24
250
25
82
PWA4805YMD-6W
±5
±600
±60
80
PWA4812YMD-6W
±12
±250
±25
82
PWA4815YMD-6W
±15
±200
±20
84
PWB4805YMD-6W
5
1200
120
80
PWB4812YMD-6W
12
500
50
82
PWB4815YMD-6W
48
18-72
80
15
400
40
84
Note:
*Input voltage can
’t exceed this value, or will cause the permanent damage.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Aluminum
MTBF
1000
K hours
Weight
15
g
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
Input/Output, 100KHz/1V
100
pF
FEATURES
● DIP package
● 1500VDC isolation
● Short circuit protection (automatic recovery)
● Operating temperature: -40°C to +85°C
● Internal SMD construction
● Metal shielding package
● Industry standard pinout
● No heat sink required
● MTBF>1,000,000 hours
● RoHS Compliance
APPLICATIONS
The PWA_YMD-6W & PWB_YMD-6W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range (voltage range
≤ 4:1);
2) Where isolation is necessary between input and
output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
PWA2405YMD-6W
Rate d Power
Package Style
O utput Voltage
In put Voltage
Prod uct Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - PWB4812YMD-6W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWB4812(M)D-1W5 MORNSUN-PWB4812(M)D-1W5 Datasheet
325Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
PWB4812CS-2W MORNSUN-PWB4812CS-2W Datasheet
144Kb / 2P
   DUAL/SINGLE OUTPUT, DC/DC CONVERTER
PWB4812LT-1W5 MORNSUN-PWB4812LT-1W5 Datasheet
115Kb / 2P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
PWB4812LT-1W5 MORNSUN-PWB4812LT-1W5 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
PWB4812MD-1W5 MORNSUN-PWB4812MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - PWB4812YMD-6W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com