Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB2403ZP-3WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PWB2403ZP-3WR2
Description  SINGLE OUTPUT, DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWB2403ZP-3WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PWB2403ZP-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWB2403ZP-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PWB2403ZP-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PWB2403ZP-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. PWB2403ZP-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. PWB2403ZP-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
PWB_ZP-3WR2
A/0-2013
Page 1 of 6
PWB_ZP- 3WR2 Series
3W,4:1 WIDE INPUT, ISOLATED & REGULATED
SINGLE OUTPUT, DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
PWB2405ZP-3WR2
FEATURES
● 4:1 wide input voltage range
● DIP Package
● Efficiency up to 83%
● 1.5KVDC isolation
● Short Circuit Protection(automatic recovery)
● Operating Temperature Range:
-40
°C ~ +85°C
● Meet CISPR22/EN55022 CLASS A
APPLICATION
The PWB_ZP-3WR2 Series are specially designed for
applications where a wide range input voltage power
supplies are unregulated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to where:
1)
Input voltage range
≤4:1;
2)
1.5KVDC input and output isolation;
3)
Output regulated and low ripple noise is required.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA) Input Current (mA)(Typ.)
Model
Nominal
(Range)
Max
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No Load
Reflected
Ripple
Current
(mA,Typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, Typ.)
@Max. Load
PWB2403ZP-3WR2
3.3
909
45
167
2700
75
PWB2405ZP-3WR2
5
600
30
156
2200
80
PWB2409ZP-3WR2
9
333
17
156
1000
80
PWB2412ZP-3WR2
12
250
13
154
680
81
PWB2415ZP-3WR2
15
200
10
152
680
82
PWB2424ZP-3WR2
24
(9-36)
40
24
125
6
152
10
470
82
PWB4803ZP-3WR2
3.3
909
45
82
2700
76
PWB4805ZP-3WR2
5
600
30
79
2200
79
PWB4809ZP-3WR2
9
333
17
77
1000
81
PWB4812ZP-3WR2
12
250
13
76
680
82
PWB4815ZP-3WR2
48
(18-75)
80
15
200
10
75
8
30
680
83
Note:①.Input voltage can
’t exceed this value, or will cause the permanent damage.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
24VDC input
-0.7
--
50
Input Surge Voltage (1sec. max.)
48VDC input
-0.7
--
100
24VDC input
4.5
7
9
Start-up Voltage
48VDC input
11
16
18
VDC
Input Filter
π Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
5% to 100% load
--
±1
±3
No load output Voltage Accuracy
Input voltage range
--
±1.5
±5
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.2
±1
%


Similar Part No. - PWB2403ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWB2403(M)D-1W5 MORNSUN-PWB2403(M)D-1W5 Datasheet
325Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
PWB2403CS-1W6 MORNSUN-PWB2403CS-1W6 Datasheet
144Kb / 2P
   DUAL/SINGLE OUTPUT, DC/DC CONVERTER
PWB2403LT-1W5 MORNSUN-PWB2403LT-1W5 Datasheet
115Kb / 2P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
PWB2403LT-1W5 MORNSUN-PWB2403LT-1W5 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
PWB2403MD-1W5 MORNSUN-PWB2403MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - PWB2403ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com