Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2405XT-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # F2405XT-1WR2
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F2405XT-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  F2405XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC Converter
F_XT-1WR2 series
2014.05.22-A/3
Page 4 of4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC typical recommended circuit
Vin
GND
+Vo
0V
DC/DC
LOAD
LDM
C1
Vin
GND
C2
Fig.4
Input voltage (VDC)
3.3/5/12/15/24
EMI
C1
4.7µF /50V
C2
Refer to the Cout in Fig.3
LDM
6.8µH
3. Output load requirements
To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If the
actual output power is low, please connecta resister to the output terminal in parallel, with a recommenced resistance which is 10% of the
rated power, and derating is required during operation.
4. For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58210024;
2. If the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all
performance indexes in this datasheet;
3. The max. capacitive load should be tested within the input voltage range and under full load conditions;
4. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25°C, humidity<75% when inputting
nominal voltage and outputting rated load;
5. All index testing methods in this datasheet are based on our Company’s corporate standards;
6. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products
will exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
7. We can provide product customization service;
8. Specifications of this product are subject to changes without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - F2405XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2405XT-1WR2 MORNSUN-F2405XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
More results

Similar Description - F2405XT-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com