Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWA2405D-1W5 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # PWA2405D-1W5
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWA2405D-1W5 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  PWA2405D-1W5 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWA2405D-1W5 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PWA2405D-1W5 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
PWA_(M)D-1W5 & PWB_(M)D-1W 5
A/3-2012
Page 2 of 3
OUTPUT SPECIFICATIONS
TYPICAL CHARECTERISTICS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
See above products program
0.15
1.5
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
Load regulation
From 10% to 100% load
±0.5
±2*
Line regulation
Input voltage from low to high
±0.2
±0.75
%
Temperature drift
Refer to recommended circuit
±0.03
%/
°C
Ripple**
20MHz Bandwidth
20
50
Noise**
20MHz Bandwidth
50
100
mVp-p
Switching frequency
100% load, input voltage range
300
KHz
* Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Operating Temp.(
)
C
Temperature Derating Graph
Safe Operating Area
APPLICATION NOTE
RECOMMENDED CIRCUIT
1) Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the
specified range of input voltage is not exceeded, the minimum output load no less than 10%
load. If the actual load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly. If the actual output power is very
small, please add an appropriate resistor as extra loading, or contact our company for other
lower output power products.
2) Recommended Circuit
All the PWA_(M)D-1W5 & PWB_(M)D-1W5 Series have been tested according to the
following recommended testing circuit before leaving factory. (See Figure 1).
If you want to further decrease the input/output ripple, you can increase capacitance properly
or choose capacitors with low ESR. However, the capacitance should not be too high, or may
cause start-up problem. For every channel of output, provided the safe and reliable operation is
ensured, the greatest capacitance of its filter capacitor sees (Table 1).If you want to use the
products in high EMI, please choose our metal packaged products (PWA_MD-1W5 &
PWB_MD- 1W5). General:
Cin:
24V&48V
10
μF~47μF
Cout: 10
μF/100mA
3) Input Current
When it is used in unregulated power supply, be sure that the fluctuating range of the power
supply and the rippled voltage do not exceed the module standard. Input current of power
supply should afford the startup current of this kind of DC/DC module. (See figure 2)
General: Ip
≤1.4*Iin-max
4) No parallel connection or plug and play
Vin
G ND
+Vo
0V
Cin
Cout
Vin
G ND
+Vo
0V
Cin
Co ut
DC
DC
-Vo
Cout
Sin gle o utp ut
DC
DC
(Figure 1)
Input Voltage (V)
Input Voltage
Range
Ip
(Figure 2)
Output External Capacitor Table (Table 1)
Single Vout
(VDC)
Cout
(uF)
Daul Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±12
330
9
680
±15
220
12
470
-
-
15
330
-
-


Similar Part No. - PWA2405D-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWA2405D-10W MORNSUN-PWA2405D-10W Datasheet
451Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - PWA2405D-1W5

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com