Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF364NR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HF364NR
Description  Heavy Duty Safety Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF364NR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HF364NR Datasheet HTML 1Page - List of Unclassifed Manufacturers HF364NR Datasheet HTML 2Page - List of Unclassifed Manufacturers HF364NR Datasheet HTML 3Page - List of Unclassifed Manufacturers HF364NR Datasheet HTML 4Page - List of Unclassifed Manufacturers HF364NR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
4-12
Product Category HDSS
Heavy Duty Safety Switches
Selection
Siemens / Speedfax
Previous folio: 3-12
Updated by S Spencer 10-15-10
n
Built to order. Allow 2–3 weeks for delivery.
a
Also rated 600V DC.
b
Compact switch (11.1"H, 6.6"W box less cover and handle).
Short circuit withstand rating—100,000 RMS sym. amps.
c
Use 3-Pole switch for 200A application.
d
Suitable for use as service entrance equipment except for
1200 when used on a 480 or 600V grounded wye system.
e
Also rated type 3S / 3R.
f
Indicates oversized enclosure (30A switch in a 60A
enclosure or a 60A switch in a 100A enclosure.
g
600V DC and 600V DC horsepower rating shown
requires (2) poles to be connected in series.
h
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.
30
HNF361
12
HNF361R
13
5
10
7 1/2
20
10
30
5
30
HNF361RLf
19
5
10
7 1/2
20
10
30
5
60
HNF362Hb
11
HNF362RHb
11
10
20
20
50
20
40
10
60
HNF362a
18
HNF362Ra
19
10
20
20
50
25
60
10
30g
60
HNF362RLf
24
10
20
20
50
25
60
10
30g
100
HNF363a
23
HNF363Ra
24
15
40
30
75
40
100
20
50g
200
HNF364a
46
HNF364Ra
47
15
60
50
125
50
150
40
50
400
HNF365
114
HNF365R
118
15
125
50
250
50
350
50
600
HNF366
116
HNF366R
120
15
200
50
400
50
500
50
800
HNF367
295
HNF367R
295
15
250
50
500
50
500
50
1200
HNF368
305
HNF368R
307
15
250
50
500
50
500
50
3-Pole
480 Volt AC / 600 Volt AC / 250 Volt DC
Indoor - Type 1
Outdoor - Type 3R
Horsepower Ratings
Ampere
Catalog
Ship.
Catalog
Ship.
240 Volt
480 Volt
600 Volt
250V
600V
System
Rating
Number
Wt. (lbs.)
Number
Wt. (lbs.)
1-Phase 3-Phase 1-Phase 3-Phase 1-Phase 3-Phase DC
DC
Type 4 / 4X Stainlessh
Type 12 Industriale
30
HNF261S
13
HNF261J
13
7 1/2
10
5
15
60
HNF262S
20
HNF262J
20
20
25
10
30
100
HNF263Sn
25
HNF263Jn
25
30
40
20
50
400
HNF265Sn
113
HNF265Jn
114
15
50
40
50
600
HNF266Sn
115
HNF266Jn
120
15
50
50
50
600 Volt Non-Fusible
d
2-Polec
480 Volt AC / 600 Volt AC / 600 Volt DC
2-Polec
480 Volt AC / 600 Volt AC / 600 Volt DC
30
HNF261
12
HNF261R
13
7 1/2
10
5
15
60
HNF262
19
HNF262R
20
20
25
10
30
100
HNF263
24
HNF263R
25
30
40
20
50
400
HNF265n
109
HNF265R
113
15
50
50
40
50
600
HNF266n
111
HNF266Rn
115
15
50
50
50
50
30
HNF361S
13
HNF361J
13
5
10
7 1/2
20
10
30
5
60
HNF362SHb
15
HNF362JHb
14
10
20
20
50
20
40
10
60
HNF362Sa
19
HNF362Ja
19
10
20
20
50
25
60
10
30g
100
HNF363Sa
24
HNF363Ja
24
15
40
30
75
40
100
20
50g
200
HNF364Sa
47
HNF364Ja
47
15
60
50
125
50
150
40
50
400
HNF365S
118
HNF365J
119
15
125
50
250
50
350
50
600
HNF366S
120
HNF366J
120
15
200
50
400
50
500
50
800
HNF367S
295
HNF367Jn
295
15
250
50
500
50
500
50
1200
HNF368Sn
310
HNF368Jn
310
15
250
50
500
50
500
50
3-Pole
480 Volt AC / 600 Volt AC / 250 Volt DC
600 Volt Non-Fusibled


Similar Part No. - HF364NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF364NR ETC2-HF364NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF364NR ETC2-HF364NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
More results

Similar Description - HF364NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
   STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
   Standard Heavy Duty Limit Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
   Limit Switches E50 Heavy-Duty Plug-In Switches
logo
Littelfuse
956 LITTELFUSE-956 Datasheet
440Kb / 1P
   956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
   HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com