Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OP4009B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part No. OP4009B
Description  672.163 MHz Optical Timing Clock
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

OP4009B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 3
©2008-2010 by RF Monolithics, Inc.
OP4009B - 2/8/10
SMC-08 Case
Reel Size
Quantity
Per Reel
“B” Nominal
“C” Nominal
Min
Max
13 Inch
330 mm
100 mm
200
1000
Dimensions
Carrier Tape Dimensions
Cover Tape Size
Ao
.383 ± .004 (9.7 mm)
21.3 mm
Bo
.554 ± .004 (14.1 mm)
Ko
.130 ± .004 (3.3 mm )
P
12 mm
W
24 mm
Tape Length
60 m
Pockets/m
83
See Detail "A"
2.0
24.4
(measurements in millimeters)
Detail "A"
Orientation in Tape Carrier as Shipped
W
(CARRIER TAPE SIZE)
AO
BO
P
(PITCH)
COVER TAPE SIZE
KO
COVER TAPE


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn