Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP4005B Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # OP4005B
Description  622.08 MHz Optical Timing Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4005B Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  OP4005B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OP4005B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 7
©2008-2010 by RF Monolithics, Inc.
OP4005B - 2/4/10
The following table provides R1 and R2 values for six high-speed logic families commonly used in optical data communications systems. Note that the
OP4005B can be used with logic families that run from a negative power supply voltage by simply using a negative VLOAD voltage.
Load Type
VDC
R1
R2
VLOAD
10K 3.3 V PECL
1.95
120
91
3.3 V
100K 3.3 V PECL
1.88
120
91
3.3 V
10K 5 V PECL
3.65
180
68
5.0 V
100K 5 V PECL
3.58
180
68
5.0 V
10K -5 V NECL
-1.30
240
62
-5.0 V
100K -5 V NECL
-1.42
240
62
-5.0 V
Loop Filter
Tune
+Vcc
Q
Q
N
PLL for Generating a High Stability, Low Jitter OC-12 Clock
OP4005B
÷÷÷÷
External
Reference
Internal
Reference
(holdover)
Phase
Detector
Example OP4005B Phase-Locked Loop Application
One of the most important applications for the OP4005B is in a PLL circuit used to generate a very high quality OC-12 clock. The PLL combines the long-
term stability of a precision external or internal 19.44 MHz reference clock with the very low jitter and phase noise of the OP4005B. A block diagram of the
PLL is shown in Figure 6. A sample of the OP4005B output is divided by 32 and is compared to a 19.44 MHz reference clock in the phase detector. The
loop filter at the output of the phase detector is set to a very low bandwidth (less than 50 Hz typical). This imparts the long-term stability of the precision
19.44 MHz reference to the OP4005B without degrading the OP4005B's low jitter and phase noise.
OP4005B Enable/Disable
Pin 3 on the OP4005B is the enable/disable control pin for the clock outputs. When Pin 3 is grounded, full output power is available from the clock. When
Pin 3 is pulled to Vcc, the power on the clock outputs is decreased at least 25 dB.


Similar Part No. - OP4005B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4005B RFM-OP4005B Datasheet
265Kb / 7P
   622.08 MHz Optical Timing Clock
OP4005B1 RFM-OP4005B1 Datasheet
58Kb / 2P
   622.08 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4005B1 MURATA-OP4005B1 Datasheet
74Kb / 2P
   622.08 MHz Optical Timing Clock
More results

Similar Description - OP4005B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4005B1 MURATA-OP4005B1 Datasheet
74Kb / 2P
   622.08 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4005B RFM-OP4005B Datasheet
265Kb / 7P
   622.08 MHz Optical Timing Clock
OP4005B1 RFM-OP4005B1 Datasheet
58Kb / 2P
   622.08 MHz Optical Timing Clock
logo
NIHON DEMPA KOGYO
WF328A NDK-WF328A Datasheet
80Kb / 1P
   622.08-MHz Timing Filter for Optical Communication
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com