Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP4004B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # OP4004B
Description  625.00 MHz Optical Timing Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4004B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  OP4004B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OP4004B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 7
©2008 by RF Monolithics, Inc.
OP4004B - 3/27/08
OP4004B Jitter Plot
No Power Supply Noise
OP4004B Jitter Plot
200 mV of Power Supply Noise
100
200
300
400
500
600
3.5
3.0
2.5
2.0
1.5
00.5
1.0
625.40
625.30
625.20
625.10
625.00
624.80
624.90
Tuning Voltage
Typical OP4004B Tuning Characteristics
0
Frequency
K
V
Voltage Tuning
Range for Lock
-40 to +85 °C


Similar Part No. - OP4004B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4004B RFM-OP4004B Datasheet
265Kb / 7P
   625.00 MHz Optical Timing Clock
More results

Similar Description - OP4004B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4004B RFM-OP4004B Datasheet
265Kb / 7P
   625.00 MHz Optical Timing Clock
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
   718.864 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4014B RFM-OP4014B Datasheet
129Kb / 2P
   627.329 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com