Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-TXC100-315 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DR-TXC100-315
Description  DR-TXC100 RF Development Kits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR-TXC100-315 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DR-TXC100-315 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DR-TXC100-315 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Electrical Characteristics
Reference Crystal Parameters
Characteristics
Sym
Min
Typical
Max
Units
Crystal Frequency
fc
fo/32
MHz
Load Capacitance
Cl
3
pF
Motional Capacitance
Cm
9
10
fF
Tolerance
Tol
±30
ppm
Complies with Directive 2002/95/EC (RoHS)
ETSI Compliant
I. Product Overview
The DR-TXC100-315 and DR-TXC100-433 Evaluation
Boards allow for evaluation of the RF performance of the
TXC100 300-450MHz Transmitter at 315 MHz and
433.92 MHz, respectively. The board is designed to
serve as a standalone evaluation platform or to be
incorporated on a user’s design simply by soldering
directly to the prototype PCB via standard .025” square
header pins. All configurable functions of the TXC100
are accessible for the user to directly interface to any
embedded microcontroller design.
The DR-TXC100 RF output uses an end launch SMA
connector for quick and convenient connection to an
external antenna or spectrum analyzer or the connector
may be removed and replaced with a
λ/4 monopole
antenna soldered to the center pin. The output is
optimized for two common frequencies of 315MHz and
433.92MHz. The 433.92MHz evaluation board is ETSI
compliant. All matching components are accessible for
optimization at other frequencies of interest.
The DR-TXC100 serves as a guide to PCB layout.
Placement and routing can be easily duplicated for quick
design-in and proven performance, speeding product
time-to-market and reducing
design efforts.
II. Key Features
Operating Frequency Range: 300-450 MHz
Modulation Types: OOK/ASK/FSK
Operation supply voltage: 2.1V - 3.6V
High Date rate:
ASK: 100 kbps
FSK: 20 kbps
Low current consumption:
ASK mode: 7 mA typical
FSK mode: 10 mA typical
Low Stand by current: < 1 nA
Adjustable Output power: -10dBm to +10dBm
Adjustable FSK Shift
Programmable Clock Output
RF Monolithics, Inc.
4441 Sigma Road
Dallas, Texas 75244
(800) 704-6079 toll-free in U.S. and Canada
www.rfm.com
Email: info@rfm.com
Characteristics
Sym
Min
Typical
Max
Units
Operating Frequency
fo
300
450
MHz
Modulation Types
OOK/ASK/
FSK
ASK Data Rate
100
Kbps
FSK Data Rate
20
Kbps
Peak RF Output Power
+10
dBm
Standby Current
1
nA
Supply Voltage Range
VDD
2.1
3.6
Vdc
Operating Temperature
Ta
-40
+125
oC
Evaluation Board


Similar Part No. - DR-TXC100-315

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TXC100-433 MURATA-DR-TXC100-433 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
More results

Similar Description - DR-TXC100-315

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TXC100-433 MURATA-DR-TXC100-433 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
DR-TRC105-434-DK MURATA-DR-TRC105-434-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-450-DK MURATA-DR-TRC105-450-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-345-DK MURATA-DR-TRC105-345-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-403-DK MURATA-DR-TRC105-403-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
DR-TRC105-304-DK MURATA-DR-TRC105-304-DK Datasheet
53Kb / 1P
   DR-TRC105 Development Kits
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Murata Manufacturing Co...
DR-TRC105-304-EV MURATA-DR-TRC105-304-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-345-EV MURATA-DR-TRC105-345-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
DR-TRC105-434-EV MURATA-DR-TRC105-434-EV Datasheet
466Kb / 1P
   DR-TRC105 Evaluation Kits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com