Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1 Datasheet(PDF) 4 Page - Grayhill, Inc

Part # SP1
Description  Miniature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

SP1 Datasheet(HTML) 4 Page - Grayhill, Inc

  SP1 Datasheet HTML 1Page - Grayhill, Inc SP1 Datasheet HTML 2Page - Grayhill, Inc SP1 Datasheet HTML 3Page - Grayhill, Inc SP1 Datasheet HTML 4Page - Grayhill, Inc SP1 Datasheet HTML 5Page - Grayhill, Inc SP1 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W1
OPTION
CODE
W2
W3
W4
DIM."A"
.750(19.05)
.964(24.48)
.425(10.80)
1.062(26.97)
WIRE WRAP
DIM."A"
.075
1.91
.050
1.27
TeRMINATIoNoPTIoNS Ininches(andmillimeters)
M6RightAngleP.C.Mount,
HorizontalActuation
M7RightAngleP.C.Mount,
Vertical Actuation
M1SolderLug(Std)
M2P.C.Mount
M3 P.C.Mount,QuickConnect
WX
Series 34A: Miniature Toggle Switches
SPDT
DPDT
SPDT
DPDT
THk..030(0.76)
.080
(2.03)
.047
(1.19)
.156
(3.96)
.078
(1.98)
THk..030(0.76)
.189
(4.80)
.250
(6.36)
.050
(1.27)
.030(0.76)THk.
.062
(1.57)
.250
(6.35)
ePoXYSeAL
.189
(4.80)
1
2 3
4
5 6
P.C.MoUNTING
1
2 3
P.C.MoUNTING
.288
(7.31)
.500
(12.7)
.030
(0.76)
.106
(2.69)
.126
(3.17)
.500
(12.7)
.150
(3.81)
.254
(6.46)
Ø.245
(Ø6.22)
.050
(1.27)
.450
(11.43)
.185
(4.70)
.500
(12.7)
.150
(3.81)
.200
(5.08)
.185
(4.70)
keYWAY
THISSIDe
.288
(7.31)
.500
(12.7)
.030
(0.76)
.500
(12.7)
.254
(6.46)
Ø.245
(Ø6.22)
.270
(6.86)
.185
(4.70)
.500
(12.7)
.200
(5.08)
keYWAY
THISSIDe
.185
(4.69)
.125
(3.17)
Ø.105
(Ø2.67)
Ø.105
(Ø2.67)
.050
(1.27)
Ø.073
(Ø1.85)
Ø.073
(Ø1.85)
.106
(2.69)
3
1
2
P.C.MoUNTING
.270
(6.86)
.050
(1.27)
.500
(12.7)
.150
(3.81)
.500
(12.7)
.288
(7.31)
.500
(12.7)
.150
(3.81)
.200
(5.08)
.073DIA.
(Ø1.85)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.125
(3.18)
.048
(1.22)
.200
(5.08)
.030
(0.76)
.254
(6.46)
3
1
2
P.C.MoUNTING
4
5
6
.450
(11.43)
.150
(3.81)
.500
(12.7)
.288
(7.31)
.500
(12.7)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.125
(3.17)
.200
(5.08)
.190
(4.83)
.125
(3.18)
.048
(1.22)
.500
(12.70)
.030
(0.76)
.050
(1.27)
.254
(6.46)
Toggle
7
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - SP1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
   Guitar or/and Bass Preamplifier
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
   Compact String Pot ??Voltage Divider
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
logo
Cooper Bussmann, Inc.
SP1-2 COOPER-SP1-2 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - SP1

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com