Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E69-40A Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part No. E69-40A
Description  PANEL MOUNT PUSHBUTTON SINGLE POLE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

E69-40A Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PANELMOUNT PUSHBUTTON – SINGLE POLE
E65-E69 Series
Button Details
Momentary
Push-Pull (Reset)
Momentary
Pull out to lock
Short Button
For Auxiliary Pushbutton
“A” dimension is full overtravel dimension – see above
Ordering Information
Select the desired contact rating
Combine with the button style
Full part number
E69
40A
E69-40A
For single throw versions:
Select the desired contact rating
Combine with the button style
SPST – NO
SPST - NC
E69
40A
E69-41A
E69-42A
(Add 1 to suffix)
(Add 2 to suffix)
For VDE switches:
(Switches must have a ‘F’ prefix)
Select the desired contact rating
Combine with the button style
Full part number
F68
40A
F68-40A
Contact
Call, fax or visit our
Website for more information.
ZF Electronics Corporation
11200 88th Avenue
Pleasant Prairie, WI 53158
Phone: 262.942.6500
Web: www.cherrycorp.com
Email: cep_sales@zf.com
Fax: 262.942.6566
The manufacturer accepts no
liability for errors or non-availability,
and reserves the right to change
specifications without prior notice.
Technical data relates to product
specifications only. Features may
differ from those described. Only
drawings combined with product
specifications shall be deemed
binding.
© 2007 ZF Electronics Corporation
Last Updated: 032311


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn