Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E69-40A Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part No. E69-40A
Description  PANEL MOUNT PUSHBUTTON SINGLE POLE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

E69-40A Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PANEL MOUNT PUSHBUTTON – SINGLE POLE
E65-E69 Series
Features
Choice of Momentary, Push-Pull (reset) and Cheat Interlock
Snap in mounting
Long life coil spring, snap action mechanism
VDE available on select models
Agency approved extended life versions available
RoHS Compliant
Electrical Ratings and Operating Life
According to EN61058-1
According to UL1054
Switch
Series
Nominal Load
Operation Cycles
Nominal Load
Operation Cycles
E65
N/A
N/A
16A, 125/250VAC; 1/3HP; 125/250VAC
6,000
N/A
E68
F68
0.1(0.05)A, 125VAC
N/A
50,000
0.1A, 125VAC
6,000 *
N/A
E69
F69
10(4)A, 250VAC
N/A
50,000
10A, 125/250VAC; 1/3HP, 125/250VAC
6,000 *
* Extended life UL versions available. Contact factory for more information. Special part number required.
Technical Specifications
Material Specifications
Case:
Thermoplastic Polyester (Valox)
Temperature Rating:
-40°C to 85°C
Actuator button:
Thermoplastic Acetal (Valox used on
International Versions)
Flammability Rating
UL94V-0
Terminals:
Brass (Common Ag plated)
Up to 10A: 0.187” x 0.020”
16A: 0.250” x 0.032”
Moving Blade:
Beryllium Copper
Terminals
VDE versions: 0.0187” x 0.032”
Spring:
Stainless Steel
UL File Number:
E23301
Contacts:
Silver-CdO: E65, E/F69
Gold Crosspoint: E/F68
Specifications subject to change
Optional


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn