Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2145B Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2145B
Description  SAW Filter, 895 MHz, 15 MHz BW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2145B Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2145B Datasheet HTML 1Page - RF Monolithics, Inc SF2145B Datasheet HTML 2Page - RF Monolithics, Inc SF2145B Datasheet HTML 3Page - RF Monolithics, Inc SF2145B Datasheet HTML 4Page - RF Monolithics, Inc SF2145B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2009 by RF Monolithics, Inc.
SF2145B - 7/9/09
CH1
S21
DEL
100 ns/
REF 800 ns
Cor
Smo
PRm
CH2
S21
LOG
1 dB/
REF -10 dB
CH2
CENTER
899 . 700
000
MHz
SPAN
50 . 000
000
MHz
Cor
PRm
18 Feb 2008 13:26:55
1
2
2 : 667 . 57
ps
1 . 500
000
MHz
REF=1
CH1
Markers
mean
: 812 . 88
ns
s . dev
: 1 . 2799
ns
p-p
: 4 . 4631
ns
1
2
2 : . 11980
dB
1 . 500
000
MHz
REF=1
CH2
Markers
mean
: -8 . 0196
dB
s . dev
: . 06000
dB
p-p
: . 24780
dB
SF2145B DEMO
DEVICE # 49
Resp
Resp


Similar Part No. - SF2145B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
   Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
   140.0 MHz SAW Filter
logo
RF Monolithics, Inc
SF2140A-1 RFM-SF2140A-1 Datasheet
644Kb / 6P
   Excellent Size-to-Performance Ratio
logo
Murata Manufacturing Co...
SF2140A-1 MURATA-SF2140A-1 Datasheet
644Kb / 6P
   140.0 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2140BA02540S SPECTRUM-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results

Similar Description - SF2145B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0399A TAI-SAW-TB0399A Datasheet
258Kb / 7P
   156.8MHz IF SAW Filter (BW=15 MHz)
TA1427B TAI-SAW-TA1427B Datasheet
449Kb / 7P
   SAW Filter 895 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
   SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
TA1735B TAI-SAW-TA1735B Datasheet
506Kb / 8P
   SAW Filter 867.5 MHz SMD 2.0횞1.6 mm (BW=15 MHz)
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TA1427A TAI-SAW-TA1427A Datasheet
418Kb / 7P
   SAW Filter 895 MHz
TA2727AA3112 TAI-SAW-TA2727AA3112 Datasheet
296Kb / 7P
   SAW Filter 1702.5MHz SMD 3.0X3.0 mm (BW=15 MHz)
TA2458A TAI-SAW-TA2458A Datasheet
437Kb / 6P
   SAW Filter 895 MHz
TA2584A TAI-SAW-TA2584A Datasheet
772Kb / 7P
   SAW Filter Band1 950.5 MHz (BW 19 MHz)
TA2643A TAI-SAW-TA2643A Datasheet
774Kb / 7P
   SAW Filter 950.75 MHz (BW 18.5 MHz) SMD3030
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com