Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT11B2JM Datasheet(PDF) 3 Page - C&K Components

Part # KT11B2JM
Description  Sealed Tactile Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KT11B2JM Datasheet(HTML) 3 Page - C&K Components

  KT11B2JM Datasheet HTML 1Page - C&K Components KT11B2JM Datasheet HTML 2Page - C&K Components KT11B2JM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC MOUNTING
KT11P2SA1M
KT11B0SAM
PC MOUNTING
Switch face
With B1 Silicone
Rubber Actuator
With B2 Silicone
Rubber Actuator
MOM. = Momentary
MOM. = Momentary
With P3 Hard
Plastic Actuator
With P4 Hard
Plastic Actuator
SPST
SPST
Sealed Tactile Switches
KT Series
C
C-5
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
6.60 x 6.60mm Right Angle Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11B0SAM
FLUSH
OFF
MOM.
KT11B1SAM
.025 (0,64)
OFF
MOM.
KT11B2SAM
.088 (2,24)
OFF
MOM.
Conn. Terms
OPEN
2-4
Schematic
SPST
6.30 x 6.38mm Right Angle Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11P2SA1M
.093 (2,36)
OFF
MOM.
KT11P3SA1M
.059 (1,50)
OFF
MOM.
KT11P4SA1M
.156 (3,96)
OFF
MOM.
Conn. Terms
OPEN
1, 2–3,4
Schematic
SPST
Rev. A 8/99


Similar Part No. - KT11B2JM

ManufacturerPart #DatasheetDescription
logo
C&K Components
KT11B2CM CK-COMPONENTS-KT11B2CM Datasheet
430Kb / 3P
   Internal actuator seal and insert molded terminals??permit soldering and cleaning
logo
ITT Industries
KT11B2SA1M34LFG ITT-KT11B2SA1M34LFG Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B2SA1M34LFS ITT-KT11B2SA1M34LFS Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B2SA1M35LFG ITT-KT11B2SA1M35LFG Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
KT11B2SA1M35LFS ITT-KT11B2SA1M35LFS Datasheet
216Kb / 4P
   Right Angle Sealed Tact Switch for SMT
More results

Similar Description - KT11B2JM

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
   Illuminated Tactile Switches
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
   Sealed Tactile Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com