Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262 Datasheet(PDF) 42 Page - Texas Instruments

Part # TLV320AIC3262
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLV320AIC3262_14 Datasheet HTML 38Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 39Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 40Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 41Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 42Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 43Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 44Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 45Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
HPL
HPR
HPVSS_SENSE
TLV320AIC3262
SLAS679 – DECEMBER 2011
www.ti.com
Headphone Outputs
The stereo headphone drivers on pins HPL and HPR can drive loads with impedances down to 16
Ω in single-
ended DC-coupled headphone configurations. An integral charge pump generates the negative supply required
to operate the headphone drivers in dc-coupled mode, where the common mode of the output signal is made
equal to the ground of the headphone load using a ground-sense circuit. Operation of headphone drivers in dc-
coupled (ground centered mode) eliminates the need for large dc-blocking capacitors.
Figure 24. TLV320AIC3262 Ground-Centered Headphone Output
Alternatively the headphone amplifier can also be operated in a unipolar circuit configuration using DC blocking
capacitors.
Stereo Line Outputs
The stereo line level drivers on LOL and LOR pins can drive a wide range of line level resistive impedances in
the range of 600
Ω to 10kΩ. The output common mode of line level drivers can be configured to equal the analog
input common-mode setting, either 0.75V or 0.9V. The line-level drivers can drive out a mixed combination of
DAC signal and attenuated ADC PGA signal, and signal mixing is register-programmable.
Differential Receiver Output
The differential receiver amplifier output spans the RECP and RECM pins and can drive a 32
Ω receiver driver.
With output common-mode setting of 1.65V and RECVDD_33 supply at 3.3V, the receiver driver can drive up to
a 1Vrms output signal. With the RECVDD_33 supply at 3.3V, the receiver driver can deliver greater than 128mW
into a 32
Ω BTL load. If desired, the RECVDD_33 supply can be set to 1.8V, at which the driver can deliver about
40mW into the 32
Ω BTL load.
Stereo Class-D Speaker Outputs
The integrated Class-D stereo speaker drivers (SPKLP/SPKLN and SPKRP/SPKRN) are capable of driving two
8
Ω differential loads. The speaker drivers can be powered directly from the power supply (2.7V to 5.5V) on the
SLVDD and SRVDD pins, however the voltage (including spike voltage) must be limited below the Absolute
Maximum Voltage of 6.0V.
The speaker drivers are capable of supplying 750 mW per channel at 10% THD+N with a 3.6-V power supply
and 1.46W per channel at 10% THD+N with a 5.0V power supply. Separate left and right channels can be sent
to each Class-D driver through the Lineout signal path, or from the mixer amplifiers in the ADC bypass. If only
one speaker is being utilized for playback, the analog mixer before the Left Speaker amplifier can sum the left
and right audio signals for monophonic playback.
ADC / Digital Microphone Interface
The TLV320AIC3262 includes a stereo audio ADC, which uses a delta-sigma modulator with a programmable
oversampling ratio, followed by a digital decimation filter and a programmable miniDSP. The ADC supports
sampling rates from 8kHz to 192kHz. In order to provide optimal system power management, the stereo
recording path can be powered up one channel at a time, to support the case where only mono record capability
is required.
42
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3262


Similar Part No. - TLV320AIC3262_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_15 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3262_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com