Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV320AIC3262
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV320AIC3262_14 Datasheet HTML 24Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 25Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 26Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 27Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 28Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 29Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 30Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 31Page - Texas Instruments TLV320AIC3262_14 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
t
h(WS)
WCLK
BCLK
DOUT
DIN
t
L(BCLK)
t
H(BCLK)
t
s(WS)
t
d(DO-WS)
t
d(DO-BCLK)
t
h(DI)
t
s(DI)
TLV320AIC3262
SLAS679 – DECEMBER 2011
www.ti.com
Figure 4. I2S/LJF/RJF Timing in Slave Mode
Table 3. I2S/LJF/RJF Timing in Slave Mode (see Figure 4)
PARAMETER
IOVDD=1.8V
IOVDD=3.3V
UNITS
MIN
MAX
MIN
MAX
tH (BCLK)
BCLK high period
30
30
ns
tL (BCLK)
BCLK low period
30
30
ts (WS)
WCLK setup
4
4
th (WS)
WCLK hold
4
4
td (DO-WS)
WCLK to DOUT delay (For LJF mode only)
22
20
td (DO-BCLK)
BCLK to DOUT delay
22
20
ts(DI)
DIN setup
4
4
th(DI)
DIN hold
4
4
tr
BCLK Rise time
5
4
tf
BCLK Fall time
5
4
28
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3262


Similar Part No. - TLV320AIC3262_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_15 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3262_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com