Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS125A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS125A
Description  LVDS 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS125A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS125A Datasheet HTML 7Page - Texas Instruments SN65LVDS125A Datasheet HTML 8Page - Texas Instruments SN65LVDS125A Datasheet HTML 9Page - Texas Instruments SN65LVDS125A Datasheet HTML 10Page - Texas Instruments SN65LVDS125A Datasheet HTML 11Page - Texas Instruments SN65LVDS125A Datasheet HTML 12Page - Texas Instruments SN65LVDS125A Datasheet HTML 13Page - Texas Instruments SN65LVDS125A Datasheet HTML 14Page - Texas Instruments SN65LVDS125A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
20
40
60
80
100
120
0
500
1000
1500
2000
2500
Data Rate - Mbps
VCC = 3.3 V
VIC = 1.2 V
VID = 200 mV
TA = 25°C
Input = PRBS 223-1
0
140
40
48
56
64
72
80
-40
-20
0
20
40
60
80
100
TA - Free-Air Temperature - °C
VCC = 3.3 V
VIC = 1.2 V
VID = 200 mV
Input = 1.5 Gbps
PRBS 223-1
SN65LVDT125A
SN65LVDS125A
www.ti.com
SLLS595C
– OCTOBER 2003 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
FREE-AIR TEMPERATURE
DATA RATE
Figure 17.
Figure 18.
Copyright
© 2003–2011, Texas Instruments Incorporated
11


Similar Part No. - SN65LVDS125A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBT TI-SN65LVDS125ADBT Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBTG4 TI-SN65LVDS125ADBTG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBTR TI-SN65LVDS125ADBTR Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBTRG4 TI-SN65LVDS125ADBTRG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS125A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com