Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FME002P108 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FME002P108
Description  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002P108 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FME002P108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002P108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
28
ML 12/2008
Mechanical Data
Mechanische Daten
Mating and unmating force (pair of contacts)
Steck- und Ziehkräfte (Kontaktpaar)
7 N
Recommended temperature range
-55 °C bis 135 °C (-67 °F to 275 °F)
Empfohlener Temperaturbereich
Mating cycles (Standard)
Steckzyklen (Standard)
500
Mating cycles (low cost)
Steckzyklen (Low cost)
200
Electrical Data
Elektrische Daten
Characteristic impedance
50
Wellenwiderstand
/ 75
Insulation resistance
Isolationswiderstand
10 G
Contact resistance inner conductor
Durchgangswiderstand Innenleiter
2,7 m
Contact resistance outer conductor
Durchgangswiderstand Außenleiter
2,7 m
Dielectric withstanding voltage
750 V / 50 Hz
Spannungsfestigkeit
Working voltage
250 Vrms
Betriebsspannung
Current rating (DC)
2 A
Max. Kontaktstrom (DC)
Coaxial Contacts
Koaxialkontakte
Technical Data
Technische Daten
Materials 
Materialien
Electrical Data
Elektrische Daten
Mechanical Data
Mechanische Daten
Materials
Materialien
Outer conductor
Cu alloy
Außenleiter
Cu Legierung
Inner conductor
Cu alloy
Innenleiter
Cu Legierung
Retaining clip
Cu alloy
Halteclip
Cu Legierung
Insulators
Isolierteile
PTFE / PBTP / PI


Similar Part No. - FME002P108

ManufacturerPart #DatasheetDescription
logo
NEC
FME0H223ZF NEC-FME0H223ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZFL116 KEMET-FME0H223ZFL116 Datasheet
764Kb / 18P
   Supercapacitors FM Series
More results

Similar Description - FME002P108

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com