Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCANSTA112 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA112
Description  7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCANSTA112 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SCANSTA112 Datasheet HTML 7Page - Texas Instruments SCANSTA112 Datasheet HTML 8Page - Texas Instruments SCANSTA112 Datasheet HTML 9Page - Texas Instruments SCANSTA112 Datasheet HTML 10Page - Texas Instruments SCANSTA112 Datasheet HTML 11Page - Texas Instruments SCANSTA112 Datasheet HTML 12Page - Texas Instruments SCANSTA112 Datasheet HTML 13Page - Texas Instruments SCANSTA112 Datasheet HTML 14Page - Texas Instruments SCANSTA112 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SCANSTA112
www.ti.com
SNLS161I – DECEMBER 2002 – REVISED APRIL 2013
AC ELECTRICAL CHARACTERISTICS: SCAN BRIDGE MODE (continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified
(1).
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL,
Propagation Delay
8.0
12.0
ns
tPLH
TCKB1 to TCKB0
tPHL,
Propagation Delay
7.5
12.0
ns
tPLH
TCKB0 to TCK(01-06)
tPHL,
Propagation Delay
7.5
12.0
ns
tPLH
TCKB1 to TCK(01-06)
tPHL,
Propagation Delay
11.5
18.0
ns
tPLH
TCKB0 to TRSTB1
tPHL,
Propagation Delay
11.5
18.0
ns
tPLH
TCKB1 to TRSTB0
tPHL,
Propagation Delay
12.0
18.5
ns
tPLH
TCKB0 to TRST(01-06)
tPHL,
Propagation Delay
12.0
18.5
ns
tPLH
TCKB1 to TRST(01-06)
tPHL
Propagation Delay
8.5
12.5
ns
TCKBn to TRISTBn
tPHL
Propagation Delay
8.0
12.0
ns
TCKBn to TRIST(01-03)
tPZL,
Propagation Delay
9.0
14.5
ns
tPZH
TCKBn to TDOBn or TDO(01-06)
tPHL,
Propagation Delay
6.0
9.0
ns
tPLH
An to Yn
AC TIMING CHARACTERISTICS: SCAN BRIDGE MODE
Over recommended operating supply voltage and temperature ranges unless otherwise specified
(1) (2).
Symbol
Parameter
Conditions
Min
Max
Units
tS
Setup Time
2.5
ns
TMSBn to TCKBn
tH
Hold Time
1.5
ns
TMSBn to TCKBn
tS
Setup Time
3.0
ns
TDIBn to TCKBn
tH
Hold Time
2.0
ns
TDIBn to TCKBn
tS
Setup Time
1.0
ns
TDI(01-06) to TCKBn
tH
Hold Time
3.5
ns
TDI(01-06) to TCKBn
(1)
Specified by Design (GBD) by statistical analysis
(2)
RL = 500Ω to GND, CL = 50pF to GND, tR/tF = 2.5ns, Frequency = 25MHz, VM = 1.5V
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SCANSTA112


Similar Part No. - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA112SM NSC-SCANSTA112SM Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112SM NSC-SCANSTA112SM Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
More results

Similar Description - SCANSTA112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA112 NSC-SCANSTA112_05 Datasheet
690Kb / 15P
   7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
SCANSTA112 NSC-SCANSTA112 Datasheet
300Kb / 15P
   7-port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
Texas Instruments
SCANSTA112 TI1-SCANSTA112_15 Datasheet
1Mb / 22P
[Old version datasheet]   SCANSTA112 7-Port Multidrop IEEE 1149.1 (JTAG) Multiplexer
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com