Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90CP02 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN90CP02 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SCAN90CP02 Datasheet HTML 7Page - Texas Instruments SCAN90CP02 Datasheet HTML 8Page - Texas Instruments SCAN90CP02 Datasheet HTML 9Page - Texas Instruments SCAN90CP02 Datasheet HTML 10Page - Texas Instruments SCAN90CP02 Datasheet HTML 11Page - Texas Instruments SCAN90CP02 Datasheet HTML 12Page - Texas Instruments SCAN90CP02 Datasheet HTML 13Page - Texas Instruments SCAN90CP02 Datasheet HTML 14Page - Texas Instruments SCAN90CP02 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OUT+
OUT-
CML or
LVPECL or
LVDS
IN+
IN-
100:
100: Differential T-Line
Differential
Receiver
SCAN90CP02
Receiver
OUT+
OUT-
150-250:
100: Differential T-Line
LVDS
Receiver
IN+
IN-
100:
LVPECL
Driver
150-250:
OUT+
OUT-
50:
50:
VCC
CML3.3V or CML2.5V
Driver
100: Differential T-Line
SCAN90CP02
Receiver
IN+
IN-
100:
SCAN90CP02
www.ti.com
SNLS168L – MAY 2004 – REVISED MARCH 2009
Figure 10. Typical CML Driver DC-Coupled Interface to SCAN90CP02 Input
Figure 11. Typical LVPECL Driver DC-Coupled Interface to SCAN90CP02 Input
Output Interfacing
The SCAN90CP02 outputs signals that are compliant to the LVDS standard. Their outputs can be DC-coupled to
most common differential receivers. Figure 12 illustrates typical DC-coupled interface to common differential
receivers and assumes that the receivers have high impedance inputs. While most differential receivers have a
common mode input range that can accommodate LVDS compliant signals, it is recommended to check
respective receiver's data sheet prior to implementing the suggested interface implementation.
Figure 12. Typical SCAN90CP02 Output DC-Coupled Interface to an LVDS, CML or LVPECL Receiver
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SCAN90CP02


Similar Part No. - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02SP NSC-SCAN90CP02SP Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02SP/NOPB TI1-SCAN90CP02SP/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com