Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42377-0219 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42377-0219
Description  KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42377-0219 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42377-0219 Datasheet HTML 1Page - Molex Electronics Ltd. 42377-0219 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-28-9092
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits,
0.38µm Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42377
Application
Board-to-Board, Signal, Wire-to-Board
Application Tooling Part Link
11-20-1230
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753822429
Physical
Breakaway
Yes
Circuits (Loaded)
9
Circuits (maximum)
9
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Gold
Net Weight
0.639/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.43mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42377Series
Mates With
KK® Crimp Housing 2695 , 6471 , 7880 ,
KK® PC Board Connector 4455


Similar Part No. - 42377-0219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0211 MOLEX3-42377-0211 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm (.324"), with Kinked PC Tails
42377-0211 MOLEX11-42377-0211 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm, with Kinked PC Tails
42377-0212 MOLEX3-42377-0212 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 2 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
42377-0212 MOLEX11-42377-0212 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
42377-0213 MOLEX3-42377-0213 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 3 Circuits
More results

Similar Description - 42377-0219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-9052 MOLEX11-22-28-9052 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 5 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9142 MOLEX11-22-28-9142 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9082 MOLEX11-22-28-9082 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 8 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9202 MOLEX11-22-28-9202 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 20 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9072 MOLEX11-22-28-9072 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 7 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9102 MOLEX11-22-28-9102 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 10 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9122 MOLEX11-22-28-9122 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 12 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9132 MOLEX11-22-28-9132 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 13 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9022 MOLEX11-22-28-9022 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9042 MOLEX11-22-28-9042 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 4 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com