Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN2010-20-08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN2010-20-08
Description  General Purpose EMI Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2010-20-08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN2010-20-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Filter selectiontable
Filter*
Rated current
Leakage current**
Inductance
Capacitance
Resistance
Input/Output
Weight
@ 40 °C (25 °C)
@ 230 VAC/50 Hz
L
Cx
Cy
R
connections
[A]
[mA]
[mH]
[μF]
[nF]
[kΩ]
[g]
FN2010-1-..
1 (1.15)
0.74
12
0.1
4.7
1000
-06
-07
65
FN2010-3-..
3 (3.45)
0.74
2.5
0.1
4.7
1000
-06
-07
65
FN2010-6-..
6 (6.9)
0.74
1
0.1
4.7
1000
-06
-07
65
FN2010-10-..
10 (11.5)
0.74
0.8
0.1
4.7
1000
-06
-07
85
FN2010-12-..
12 (13.8)
0.74
0.7
0.1
4.7
1000
-06
-07
85
FN2010-16-..
16 (18.4)
0.74
0.7
0.1
4.7
1000
-06
-07
140
FN2010-20-..
20 (23)
0.74
0.6
0.1
4.7
1000
-06
-07
-08
210
FN2010-30-08
30 (34.5)
0.87
0.7
0.47
10
1000
-08
470
FN2010-60-24
60 (69)
0.87
1
1.5
10
330
-24
1100
FN2010A-1-..
1 (1.15)
0.074
12
0.1
0.47
1000
-06
-07
65
FN2010A-3-..
3 (3.45)
0.074
2.5
0.1
0.47
1000
-06
-07
65
FN2010A-6-..
6 (6.9)
0.074
1
0.1
0.47
1000
-06
-07
65
FN2010A-10-..
10 (11.5)
0.074
0.8
0.1
0.47
1000
-06
-07
85
FN2010A-12-..
12 (13.8)
0.074
0.7
0.1
0.47
1000
-06
-07
85
FN2010A-16-..
16 (18.4)
0.074
0.7
0.1
0.47
1000
-06
-07
140
FN2010A-20-..
20 (23)
0.074
0.6
0.1
0.47
1000
-06
-07
-08
210
FN2010A-30-08
30 (34.5)
0.074
0.7
0.47
0.47
1000
-08
470
FN2010A-60-24
60 (69)
0.074
1
1.5
0.47
330
-24
1100
FN2010B-1-..
1 (1.15)
0.002
12
0.1
1000
-06
-07
65
FN2010B-3-..
3 (3.45)
0.002
2.5
0.1
1000
-06
-07
65
FN2010B-6-..
6 (6.9)
0.002
1
0.1
1000
-06
-07
65
FN2010B-10-..
10 (11.5)
0.002
0.8
0.1
1000
-06
-07
85
FN2010B-12-..
12 (13.8)
0.002
0.7
0.1
1000
-06
-07
85
FN2010B-16-..
16 (18.4)
0.002
0.7
0.1
1000
-06
-07
140
FN2010B-20-..
20 (23)
0.002
0.6
0.1
1000
-06
-07
-08
210
FN2010B-30-08
30 (34.5)
0.002
0.7
0.47
1000
-08
470
FN2010B-60-24
60 (69)
0.002
1
1.5
330
-24
1100
** To compile a complete part number, please replace the -.. with the required I/O connection style (e.g. FN 2010-30-08, FN 2010B-10-06).
** Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Typical filter attenuation
Per CISPR 17; A = 50 Ω/50 Ω sym; B = 50 Ω/50 Ω asym; C = 0.1 Ω/100 Ω sym; D = 100 Ω/0.1 Ω sym
1 and 3 A types
6 to 12 A types
16 and 20 A types
30 and 60 A types
2


Similar Part No. - FN2010-20-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-30-08 ETC2-FN2010-30-08 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN2010-30-08 SCHAFFNER-FN2010-30-08 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
logo
List of Unclassifed Man...
FN2010-6-06 ETC2-FN2010-6-06 Datasheet
201Kb / 5P
   General Purpose EMI Filter Single-Phase Filters FN 2010
More results

Similar Description - FN2010-20-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
List of Unclassifed Man...
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN610-6-06 ETC2-FN610-6-06 Datasheet
415Kb / 3P
   General purpose EMI filter
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2020 SCHAFFNER-FN-2020 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
   General Purpose EMC/EMI Line Filter
FN-2030 SCHAFFNER-FN-2030 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
   General Purpose EMC/EMI Line Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com