Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN2010-20-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN2010-20-08
Description  General Purpose EMI Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2010-20-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN2010-20-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN2010-20-08 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
Single-Stage Filters FN 2010
General Purpose EMI Filter
Rated currents from 1 to 60 A
General purpose filtering performance
Optional medical versions (B type)
Optional safety versions (A type)
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
dc to 400 Hz
Rated currents
1 to 60 A @ 40 °C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec
P –> N 1100 VDC for 2 sec (30 and 60 A types)
P –> N 760 VAC for 2 sec (1 to 20 A types)
P –> PE 2500 VAC for 2 sec (B types)
Temperature range (operation and storage) -25 °C to +100 °C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 40°C/230V (Mil-HB-217F)
1,250,000 hours
3,200,000 hours (B types)
Approvals
Features andbenefits
FN 2010 filters are designed for easy and fast chassis
mounting
FN 2010 filters are also available as B versions
without Y-capacitors for medical applications as
well as A version with low capacitance for safety
critical applications with necessity for low leakage
currents
All filters provide a general purpose conducted
attenuation performance, based on chokes with
high saturation resistance and excellent thermal
behavior
FN 2010 filters can be used to cover a broad range of
usage and they offer a good size/amperage ratio
FN 2010 filters are also available as two-stage filters
(FN 2060, FN 2070 series) for more noisy
environment
Various terminal options allow you to select the
desired connection style
Typical applications
Electrical and electronic equipment
Consumer goods
Household equipment
Medical equipment
Office automation equipment
Datacom equipment
Typical electrical schematic


Similar Part No. - FN2010-20-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-30-08 ETC2-FN2010-30-08 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN2010-30-08 SCHAFFNER-FN2010-30-08 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
logo
List of Unclassifed Man...
FN2010-6-06 ETC2-FN2010-6-06 Datasheet
201Kb / 5P
   General Purpose EMI Filter Single-Phase Filters FN 2010
More results

Similar Description - FN2010-20-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
List of Unclassifed Man...
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN610-6-06 ETC2-FN610-6-06 Datasheet
415Kb / 3P
   General purpose EMI filter
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2020 SCHAFFNER-FN-2020 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
   General Purpose EMC/EMI Line Filter
FN-2030 SCHAFFNER-FN-2030 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
   General Purpose EMC/EMI Line Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com