Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15S125P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGA15S125P
Description  1250 V, 15 A Shorted-anode IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA15S125P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGA15S125P Datasheet HTML 1Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 2Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 3Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 4Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 5Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 6Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 7Page - Fairchild Semiconductor FGA15S125P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FGA15S125P Rev. C3
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
10
20
30
40
50
60
70
80
VGE=17V
20V
15V
12V
9V
10V
8V
TC = 25
o
C
Collector-Emitter Voltage, VCE [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
10
20
30
40
50
60
70
80
VGE=20V
17V
15V
12V
9V
10V
8V
TC = 175
o
C
Collector-Emitter Voltage, VCE [V]
0123
456
789 10 11 12 13 14
0
10
20
30
40
50
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 175
o
C
Gate-Emitter Voltage, VGE [V]
0.0
1.0
2.0
3.0
4.0
5.0
0
10
20
30
40
50
60
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 175
o
C ---
Collector-Emitter Voltage, VCE [V]
0
4
8
12
16
20
0
5
10
15
20
30A
15A
IC = 7.5A
Common Emitter
TC = 25
o
C
Gate-Emitter Voltage, VGE [V]
25
50
75
100
125
150
175
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
30A
IC = 7.5A
15A
Common Emitter
VGE = 15V
Case Temperature, TC [
o
C]


Similar Part No. - FGA15S125P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA15N120AND FAIRCHILD-FGA15N120AND Datasheet
574Kb / 8P
   IGBT
FGA15N120AND FAIRCHILD-FGA15N120AND Datasheet
603Kb / 8P
   High speed switching
FGA15N120ANDTU FAIRCHILD-FGA15N120ANDTU Datasheet
603Kb / 8P
   High speed switching
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
More results

Similar Description - FGA15S125P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA25S125P ONSEMI-FGA25S125P Datasheet
633Kb / 7P
   1250 V, 25 A Shorted-anode IGBT
October-2017,Rev. 2
logo
Fairchild Semiconductor
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
FGA50S110P FAIRCHILD-FGA50S110P Datasheet
222Kb / 8P
   1100 V, 50 A Shorted-anode IGBT
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
FGA30S120P FAIRCHILD-FGA30S120P Datasheet
646Kb / 8P
   Shorted AnodeTM IGBT
FGA25S125P FAIRCHILD-FGA25S125P Datasheet
690Kb / 8P
   Shorted AnodeTM IGBT
FGH30S130P FAIRCHILD-FGH30S130P Datasheet
665Kb / 8P
   Shorted AnodeTM IGBT
logo
IXYS Corporation
G4000EF250 IXYS-G4000EF250 Datasheet
1,003Kb / 11P
   Anode Shorted Gate Turn-Off Thyristor
October 2020
logo
Renesas Technology Corp
RJH1CD5DPQ-A0 RENESAS-RJH1CD5DPQ-A0 Datasheet
59Kb / 4P
   1200 V - 15 A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com