Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2065C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2065C
Description  743.00 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2065C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2065C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2065C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2065C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2065C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2065C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2008-2010 by RF Monolithics, Inc.
SF2065C - 6/14/10
Filter Response Plots


Similar Part No. - SF2065C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF206 WTE-SF206 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF206 CHENYI-SF206 Datasheet
158Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF206 GOOD-ARK-SF206 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF206 JINANJINGHENG-SF206 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF206-T3 WTE-SF206-T3 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results

Similar Description - SF2065C

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com