Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2024E-1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2024E-1
Description  467.751 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2024E-1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2024E-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2024E-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2024E-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2024E-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 4
©2008-2010 by RF Monolithics, Inc.
SF2024E-1 - 7/21/10
RO.3
(MAX.)
1.4
SECTION A-A
0.3
SECTION B-B
3.35
2.0
4.0
3.35
8.0
B
B
A
R0.5
(TYP.)
A
1.5
1.5
Tape and Reel Specifications
“B”
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
PIN #1
USER DIRECTION OF FEED
COMPONENT ORIENTATION
See Detail "A"
2.0
12.0
Carrier Tape Dimensions
Ao
3.35 mm
Bo
3.35 mm
Ko
1.4 mm
Pitch
8.0 mm
W12.0 mm


Similar Part No. - SF2024E-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2024E-1 RFM-SF2024E-1 Datasheet
795Kb / 4P
   467.751 MHz SAW Filter
More results

Similar Description - SF2024E-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2024E-1 RFM-SF2024E-1 Datasheet
795Kb / 4P
   467.751 MHz SAW Filter
SF2024B RFM-SF2024B Datasheet
222Kb / 5P
   467.751 MHz SAW Filter
SF2024D-1 RFM-SF2024D-1 Datasheet
174Kb / 5P
   467.751 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024B MURATA-SF2024B Datasheet
222Kb / 5P
   467.751 MHz SAW Filter
SF2024D MURATA-SF2024D Datasheet
155Kb / 5P
   467.751 MHz SAW Filter
logo
RF Monolithics, Inc
SF2024E-2 RFM-SF2024E-2 Datasheet
791Kb / 4P
   467.751 MHz SAW Filter
SF2024D RFM-SF2024D Datasheet
155Kb / 5P
   467.751 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024D-1 MURATA-SF2024D-1 Datasheet
174Kb / 5P
   467.751 MHz SAW Filter
SF2024E-2 MURATA-SF2024E-2 Datasheet
791Kb / 4P
   467.751 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com