Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2024B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2024B
Description  467.751 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2024B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2024B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2024B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2024B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2024B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2024B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
467.751 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2024B-111504
CH1
S11
1 U FS
CENTR
467 . 751
MHz
SPAN
40 . 000
MHz
Cor
Hld
PRm
CH2
S21
LOG
10 dB/
REF 10 dB
CENTER
467 . 751
000
MHz
SPAN
40 . 000
000
MHz
Cor
Hld
PRm
CH3
S22
1 U FS
CENTR
467 . 751
MHz
SPAN
40 . 000
MHz
Hld
1 Oct 2003 16:31:31
1
1 : 53 . 094
5 . 4805
1 . 8648
nH
467 . 751
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
REF=1
CH2
Markers
BW :
14 . 012966
cent
:
467 . 608187
Q: 33
1_ loss
: -19
. 249
1
1 : 62 . 180
-666
. 02
m
510 . 88
pF
467 . 751
000
MHz


Similar Part No. - SF2024B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2024B RFM-SF2024B Datasheet
222Kb / 5P
   467.751 MHz SAW Filter
More results

Similar Description - SF2024B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2024E-1 RFM-SF2024E-1 Datasheet
795Kb / 4P
   467.751 MHz SAW Filter
SF2024B RFM-SF2024B Datasheet
222Kb / 5P
   467.751 MHz SAW Filter
SF2024D-1 RFM-SF2024D-1 Datasheet
174Kb / 5P
   467.751 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024D MURATA-SF2024D Datasheet
155Kb / 5P
   467.751 MHz SAW Filter
logo
RF Monolithics, Inc
SF2024E-2 RFM-SF2024E-2 Datasheet
791Kb / 4P
   467.751 MHz SAW Filter
SF2024D RFM-SF2024D Datasheet
155Kb / 5P
   467.751 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2024D-1 MURATA-SF2024D-1 Datasheet
174Kb / 5P
   467.751 MHz SAW Filter
SF2024E-1 MURATA-SF2024E-1 Datasheet
795Kb / 4P
   467.751 MHz SAW Filter
SF2024E-2 MURATA-SF2024E-2 Datasheet
791Kb / 4P
   467.751 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com