Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF4812LP-20WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URF4812LP-20WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF4812LP-20WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URF4812LP-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF4812LP-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF4812LP-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF4812LP-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF4812LP-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF4812LP-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
URF_LP-20WR3 Series
2014.07.22-A/0
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
20W,Ultra wide input, isolated & regulated single
output , DIP package, DC-DC converter
Patent Protection RoHS
FEATURES
Ultra wide range of input voltage (4:1)
Efficiency up to89%
No-load power consumption as low as 0.2W
Isolation voltage :3K VDC
Operating temperature range: -40℃ to +85℃
Input under-voltage protection, output short
circuit
protection,
over-voltage
protection,
Over-current protection
Meet CISPR22/EN55022 CLASS A
International standard pin-out
A2S (wring mounting) and A4S (35mm rail
mounting)
products
featuring
anti-reverse
connection for input
URF_LP-20WR3 series are applied to ultra wide voltage range input , high isolation such as power industry, data transmission device, battery
power supply device, tele-comunication device, distributed power supply system, remote control system, industrial robot system etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load(μF)
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
URF2403LP-20WR3
24
(9-36)
40
3.3
5000/250
84/86
10000
URF2405LP-20WR3
5
4000/200
87/89
10000
URF2409LP-20WR3
9
2222/111
86/88
4700
URF2412LP-20WR3
12
1667/84
86/88
1600
URF2415LP-20WR3
15
1334/67
87/89
1000
URF2424LP-20WR3
24
833/42
87/89
500
URF4803LP-20WR3
48
(18-75)
80
3.3
5000/250
84/86
10000
URF4805LP-20WR3
5
4000/200
86/88
10000
URF4812LP-20WR3
12
1667/84
86/88
1600
URF4815LP-20WR3
15
1334/67
87/89
1000
URF4824LP-20WR3
24
833/42
87/89
500
Notes:
product model with a suffix of “A2S” means chassis mounting and that with a suffix of “A4S” indicates DIN-Rail mounting (e.g. URF2405LP-20WR3A2S means
chassis mounting; URF2405LP-20WR3A4S means DIN-Rail mounting );
Absolute maximum rating without damage on the converter, but it isn't recommended;
Efficiency is measured In nominal input voltage and rated output load;A2S (wiring) and A4S (rail) Model due to input reverse polarity protection, minimum
efficiency greater than Min.-2 is qualified.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC input
3.3V, 5V output
--
936/20
--
mA
Others
--
936/5
--
48VDC input
3.3V, 5V output
--
468/10
--
Others
--
468/4
--
Reflected Ripple Current
24VDC input
--
30
--
48VDC input
--
30
--
Input impulse Voltage(1sec. max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Starting Voltage
24VDC input
--
--
9
48VDC input
--
--
18
under-voltage turn-off
24VDC input
5.5
6.5
--
48VDC input
14.0
15.5
--


Similar Part No. - URF4812LP-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF4812LP-20WR3 MORNSUN-URF4812LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF4812LP-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com