Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF4803LP-20WR3 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URF4803LP-20WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF4803LP-20WR3 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URF4803LP-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF4803LP-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF4803LP-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF4803LP-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF4803LP-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF4803LP-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
URF_LP-20WR3 Series
2014.07.22-A/0
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
LDM1
C0
MOV
FUSE
C1
V in
GND
+
Vin
GND
+Vo
0V
DC/DC
CY1
CY2
C2
LOAD
Fig. 3
Notes: Part ① in the Fig. 3 is used for EMS test and part ② for EMI filtering;
selected based on needs.
Parameter description
Model
Vin:24V
Vin:48V
FUSE
Choose according to actual input current
MOV
S14K35
S14K60
C0
330μF/50V
330μF/100V
C1
1μF/50V
1μF/100V
C2
Refer to the Cout in Fig.2
LDM1
4.7μH
CY1
1nF/3KV
CY2
1nF/3KV
EMC solution-recommended circuit PCB layout
Fig. 4
Note: the min. distance of the bonding pads between input & output isolation capacitors (CY1/CY2) shall be ≥ 2mm.
3. Application of Trim and calculation of Trim resistance
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Applied circuits of Trim (Part in broken line is the interior of models)
Calculation formula of Trim resistance:
up:
a=
Vref
Vo’-Vref
R1
R=
T
aR2
R-a
2
-R3
down:
a=
Vref
Vo’-Vref
R2
R=
T
aR1
R-a
1
-R3
RT is Trim resistance
a is a self-defined parameter, with
no real meaning.
Vout(V)
R1(KΩ)R2(KΩ)R3(KΩ)Vref(V)
3.3
4.801
2.87
12.4
1.25
5
2.883
2.87
10
2.5
9
7.500
2.87
15
2.5
12
11.000
2.87
15
2.5
15
14.494
2.87
15
2.5
24
24.872
2.87
17.8
2.5


Similar Part No. - URF4803LP-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF4803LP-20WR3 MORNSUN-URF4803LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF4803LP-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com