Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2412LP-10WR3 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URF2412LP-10WR3
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2412LP-10WR3 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URF2412LP-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
URF_LP-10WR3 Series
2014.07.14-A/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Starting Time
Nominal input& constant resistance load
--
10
--
ms
Input Filter
Pi filter
Ctrl*
Module switch on
Ctrl suspended or connected toTTL high level (3.5-12VDC)
Module switch off
Ctrl pin connected to GND or low level (0-1.2VDC)
Input current when switched off
--
5
8
mA
Note: * the voltage of Ctrl pin is relative toinput pin GND.
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
Line Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.5
±1
Transient Recovery Time
25%load stepchange
--
300
500
μs
Transient Response Deviation
--
±3
±5
%
Temperature Drift Coefficient
Full load
--
--
±0.03
%/°
C
Ripple&Noise*
20MHz bandwidth
--
50
120
mV p-p
Output Over-voltage Protection
Input voltage range
110
130
160
%Vo
Output Over-current Protection
110
140
190
%Io
Output Short circuit Protection
Continuous, self-recovery
Note: * Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
3000
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
MΩ
Isolation Capacitance
Input-output, 100KHz/0.1V
--
500
--
pF
Operating Temperature
Derating if the temperature is ≥71°C(see Fig. 1)
-40
--
85
°
C
Storage Temperature
-55
--
125
°
C
Storage Humidity
Non-condensing
5
--
95
%RH
Max. Operating Temperature
for casing
Within the operating temperature curve
--
--
105
°
C
Lead Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Vibration
10-55Hz, 10G, 30 Min. along X, Y and Z
Switching Frequency
PWM mode
--
350
--
KHz
MTBF
MIL-HDBK-217F@25°C1000
--
--
K hours
Physical Specifications
Casing Material
Plastic (UL94-V0)
Package Dimensions
Horizontal package
51.50*26.50*12.00 mm
A2S wiring package
76.00*31.50*21.20 mm
A4S rail package
76.00*31.50*25.80 mm
Weight
Horizontal package/A2S wiring package/A4S rail package
24.00g/46.00g/66.00g (Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A


Similar Part No. - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
2Mb / 6P
   DC/DC Converter
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results

Similar Description - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com